Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5409YI10 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT5409YI10
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409YI10 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT5409YI10 Datasheet HTML 4Page - ON Semiconductor CAT5409YI10 Datasheet HTML 5Page - ON Semiconductor CAT5409YI10 Datasheet HTML 6Page - ON Semiconductor CAT5409YI10 Datasheet HTML 7Page - ON Semiconductor CAT5409YI10 Datasheet HTML 8Page - ON Semiconductor CAT5409YI10 Datasheet HTML 9Page - ON Semiconductor CAT5409YI10 Datasheet HTML 10Page - ON Semiconductor CAT5409YI10 Datasheet HTML 11Page - ON Semiconductor CAT5409YI10 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT5409
Doc. No. MD-2010 Rev. M
8
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
INSTRUCTION AND REGISTER
DESCRIPTION
SLAVE ADDRESS BYTE
The first byte sent to the CAT5409 from the master/
processor is called the Slave/DPP Address Byte. The
most significant four bits of the Device Type address
are a device type identifier. These bits for the
CAT5409 are fixed at 0101[B] (refer to Table 1).
The next four bits, A3 - A0, are the internal slave
address and must match the physical device address
which is defined by the state of the A3 - A0 input pins
for the CAT5409 to successfully continue the
command sequence. Only the device which slave
address matches the incoming device address sent by
the master executes the instruction. The A3 - A0
inputs can be actively driven by CMOS input signals
or tied to VCC or VSS.
INSTRUCTION BYTE
The next byte sent to the CAT5409 contains the
instruction and register pointer information. The four
most significant bits used provide the instruction
opcode I [3:0]. The R1 and R0 bits point to one of the
four data registers of each associated potentiometer.
The least two significant bits point to one of four Wiper
Control Registers. The format is shown in Table 2.
Data Register Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
I3
I2
I1
I0
R1
R0
P1
P0
(MSB)
(LSB)
WCR/Pot Selection
Instruction
Opcode
Data Register
Selection
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0101
(MSB)
(LSB)
Device Type
Identifier
Slave Address


Similar Part No. - CAT5409YI10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5409YI10 ONSEMI-CAT5409YI10 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
More results

Similar Description - CAT5409YI10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com