Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5419WI-25-T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT5419WI-25-T1
Description  Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5419WI-25-T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5419WI-25-T1 Datasheet HTML 5Page - ON Semiconductor CAT5419WI-25-T1 Datasheet HTML 6Page - ON Semiconductor CAT5419WI-25-T1 Datasheet HTML 7Page - ON Semiconductor CAT5419WI-25-T1 Datasheet HTML 8Page - ON Semiconductor CAT5419WI-25-T1 Datasheet HTML 9Page - ON Semiconductor CAT5419WI-25-T1 Datasheet HTML 10Page - ON Semiconductor CAT5419WI-25-T1 Datasheet HTML 11Page - ON Semiconductor CAT5419WI-25-T1 Datasheet HTML 12Page - ON Semiconductor CAT5419WI-25-T1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT5419
2009 SCILLC. All rights reserved.
9
Doc. No. MD-2115 Rev. J
Characteristics subject to change without notice
WIPER CONTROL AND DATA REGISTERS
Wiper Control Register (WCR)
The CAT5419 contains two 6-bit Wiper Control
Registers, one for each potentiometer. The Wiper
Control Register output is decoded to select one of 64
switches along its resistor array. The contents of the
WCR can be altered in four ways: it may be written by
the host via Write Wiper Control Register instruction; it
may be written by transferring the contents of one of
four associated Data Registers via the XFR Data
Register instruction, it can be modified one step at a
time by the Increment/decrement instruction (see
Instruction section for more details). Finally, it is
loaded with the content of its data register zero (DR0)
upon power-up.
The Wiper Control Register is a volatile register that
loses its contents when the CAT5419 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Data Registers (DR)
Each potentiometer has four 6-bit non-volatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Control
Register. Any data changes in one of the Data
Registers is a non-volatile operation and will take a
maximum of 5 ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as standard memory locations for system
parameters or user preference data.
INSTRUCTIONS
Four of the nine instructions are three bytes in length.
These instructions are:
— Read Wiper Control Register – read the current
wiper position of the selected potentiometer in
the WCR
— Write Wiper Control Register – change current
wiper position in the WCR of the selected
potentiometer
— Read Data Register – read the contents of the
selected Data Register
— Write Data Register – write a new value to the
selected Data Register.
Table 3. Instruction Set
Instruction Set
Instruction
I3
I2
I1
I0
R1
R0
0
WCR0/ P0
Operation
Read Wiper Control
Register
1
0
0
1
0
0
0
1/0
Read the contents of the Wiper Control
Register pointed to by P0
Write Wiper Control
Register
1
0
1
0
0
0
0
1/0
Write new value to the Wiper Control
Register pointed to by P0
Read Data Register
1
0
1
1
1/0
1/0
0
1/0
Read the contents of the Data Register
pointed to by P0 and R1-R0
Write Data Register
1
1
0
0
1/0
1/0
0
1/0
Write new value to the Data Register
pointed to by P0 and R1-R0
XFR Data Register to
Wiper Control Register
1
1
0
1
1/0
1/0
0
1/0
Transfer the contents of the Data
Register pointed to by P0 and R1-R0 to
its associated Wiper Control Register
XFR Wiper Control
Register to Data
Register
1
1
1
0
1/0
1/0
0
1/0
Transfer the contents of the Wiper
Control Register pointed to by P0 to the
Data Register pointed to by R1-R0
Gang XFR Data
Registers to Wiper
Control Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data
Registers pointed to by R1-R0 of both
pots to their respective Wiper Control
Registers
Gang XFR Wiper
Control Registers to
Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper
Control Registers to their respective data
Registers pointed to by R1-R0 of both
four pots
Increment/Decrement
Wiper Control Register
0
0
1
0
0
0
0
1/0
Enable Increment/decrement of the
Control Latch pointed to by P0
Note: 1/0 = data is one or zero


Similar Part No. - CAT5419WI-25-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5419WI-25-T1 ONSEMI-CAT5419WI-25-T1 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results

Similar Description - CAT5419WI-25-T1

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com