Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5269YI00 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5269YI00
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5269YI00 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5269YI00 Datasheet HTML 1Page - ON Semiconductor CAT5269YI00 Datasheet HTML 2Page - ON Semiconductor CAT5269YI00 Datasheet HTML 3Page - ON Semiconductor CAT5269YI00 Datasheet HTML 4Page - ON Semiconductor CAT5269YI00 Datasheet HTML 5Page - ON Semiconductor CAT5269YI00 Datasheet HTML 6Page - ON Semiconductor CAT5269YI00 Datasheet HTML 7Page - ON Semiconductor CAT5269YI00 Datasheet HTML 8Page - ON Semiconductor CAT5269YI00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT5269
Doc. No. MD-2123 Rev. F
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTIONS
PIN DESCRIPTION
SCL: Serial Clock
The CAT5269 serial clock input pin is used to
clock all data transfers into or out of the
device.
SDA: Serial Data
The CAT5269 bidirectional serial data pin is
used to transfer data into and out of the
device. The SDA pin is an open drain output
and can be wire-Ored with the other open
drain or open collector I/Os.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A
match in the slave address must be made with
the address input in order to initiate
communication with the CAT5269.
RH, RL: Resistor End Points
The two sets of RH and RL pins are equivalent
to the terminal connections on a mechanical
potentiometer.
RW: Wiper
The RW pins are equivalent to the wiper
terminal of a mechanical potentiometer.
WP
¯¯¯: Write Protect Input
The WP
¯¯¯ pin when tied low prevents non-
volatile writes to the data register (change of
wiper control register is allowed) and when
tied high or left floating normal read/write
operations are allowed. See Write Protection
on page 7 for more details.
DEVICE OPERATION
The CAT5269 is two resistor arrays integrated with a 2-wire serial interface, two 8-bit wiper control registers and
eight 8-bit, non-volatile memory data registers. Each resistor array contains 255 separate resistive elements
connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). The tap positions between and at the ends of the series resistors are connected to the
output wiper terminals (RW) by a CMOS transistor switch. Only one tap point for each potentiometer is connected
to its wiper terminal at a time and is determined by the value of the wiper control register. Data can be read or
written to the wiper control registers or the non-volatile memory data registers via the 2-wire bus. Additional
instructions allow data to be transferred between the wiper control registers and each respective potentiometer's
non-volatile data registers. Also, the device can be instructed to operate in an "increment/decrement" mode.
Pin #
Name
Function
1
NC
No Connect
2
A0
Device Address, LSB
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
NC
No Connect
7
VCC
Supply Voltage
8
RL0
Low Reference Terminal for Potentiometer 0
9
RH0
High Reference Terminal for Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
A2
Device Address
12
WP
¯¯¯
Write Protection
13
SDA
Serial Data Input/Output
14
A1
Device Address
15
RL1
Low Reference Terminal for Potentiometer 1
16
RH1
High Reference Terminal for Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCL
Bus Serial Clock
24
A3
Device Address


Similar Part No. - CAT5269YI00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5269YI00 ONSEMI-CAT5269YI00 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
More results

Similar Description - CAT5269YI00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
logo
Catalyst Semiconductor
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com