Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5270YI-00-GT2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5270YI-00-GT2
Description  Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5270YI-00-GT2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5270YI-00-GT2 Datasheet HTML 1Page - ON Semiconductor CAT5270YI-00-GT2 Datasheet HTML 2Page - ON Semiconductor CAT5270YI-00-GT2 Datasheet HTML 3Page - ON Semiconductor CAT5270YI-00-GT2 Datasheet HTML 4Page - ON Semiconductor CAT5270YI-00-GT2 Datasheet HTML 5Page - ON Semiconductor CAT5270YI-00-GT2 Datasheet HTML 6Page - ON Semiconductor CAT5270YI-00-GT2 Datasheet HTML 7Page - ON Semiconductor CAT5270YI-00-GT2 Datasheet HTML 8Page - ON Semiconductor CAT5270YI-00-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT5270
http://onsemi.com
5
SCL
SDA IN
SDA OUT
Figure 2. Bus Timing
tSU:STA
tF
tHD:STA
tAA
tHD:DAT
tLOW
tHIGH
tSU:STO
tBUF
tDH
tSU:DAT
tR
tLOW
Serial Bus Protocol
The following defines the features of the I2C compatible
interface protocol:
1. Data transfer may be initiated only when the bus is
not busy.
2. During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock is high
will be interpreted as a START or STOP condition.
The device controlling the transfer is a master, typically a
processor or controller, and the device being controlled is the
slave. The master will always initiate data transfers and
provide the clock for both transmit and receive operations.
Therefore, the CAT5270 will be considered a slave device
in all applications.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of SDA
when SCL is HIGH (see Figure 3). The CAT5270 monitors
the SDA and SCL lines and will not respond until this
condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition (see Figure 3). All
operations must end with a STOP condition.
Device Addressing
The bus Master begins a transmission by sending a
START condition. The Master then sends the Slave Addres
Byte which contains the address of the particular slave
device it is requesting. The four most significant bits of the
8−bit slave address are fixed as 0101 for the CAT5270. The
next four significant bits (A3, A2, A1, A0) are the device
address bits and define which device the Master is accessing
(see Figure 5). Up to sixteen devices may be individually
addressed by the system. Typically, +5 V (VCC) and ground
are hard−wired to these pins to establish the device’s
address.
After the Master sends a START condition and the slave
address byte, the CAT5270 monitors the bus and responds
with an acknowledge (on the SDA line) when its address
matches the transmitted slave address.
Slave Address Byte
The most significant four bits of the slave address are a
device type identifier. These bits for the CAT5270 are fixed
at 0101[B] (refer to Figure 5).
The next four bits, A3 − A0, are the internal slave address
and must match the physical device address which is defined
by the state of the A3 − A0 input pins for the CAT5270 to
successfully continue the command sequence. Only the
device which slave address matches the incoming device
address sent by the master executes the instruction. The A3
− A0 inputs can be actively driven by CMOS input signals
or tied to VCC or VSS.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledging
device pulls down the SDA line during the ninth clock cycle,
signaling that it received the 8 bits of data (see Figure 4).
The CAT5270 responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation, it
responds with an acknowledge after receiving each 8−bit
byte.
When the CAT5270 is in a READ mode it transmits 8 bits
of data, releases the SDA line, and monitors the line for an
acknowledge. Once it receives this acknowledge, the
CAT5270 will continue to transmit data. If no acknowledge
is sent by the Master, the device terminates data transmission
and waits for a STOP condition.
If the device has been selected with an IN/DEC operation
it will no longer responds with acknoleadge as the received
data it is not in a byte format.


Similar Part No. - CAT5270YI-00-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271 ONSEMI-CAT5271 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
CAT5271ZI-50-GT3 ONSEMI-CAT5271ZI-50-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
More results

Similar Description - CAT5270YI-00-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com