Electronic Components Datasheet Search |
|
BP-493-1 Datasheet(PDF) 1 Page - Tyco Electronics |
|
BP-493-1 Datasheet(HTML) 1 Page - Tyco Electronics |
|
1 / 1 page Plug-In Contactors TM CONTACTOR CONFIGURATION BP-493-1 3PST, Magnetic Latch, 385 Amps, 115/200 VAC, 400 Hz PRODUCT SPECIFICATIONS Construction Gasket Sealed, Vented, Plug-In Main Contacts: Configuration 3PST Magnetic Latch Voltage (Nominal) 115/200 VAC, 400 Hz Current (Resistive) 385 Amps Auxiliary Contacts: Configuration 6-SPST N.O., 3SPST N.C. Voltage (Nominal) 28 VDC Current 100 mA Coil Data: Duty Cycle Continuous, Self De-Energizing Voltage (Nominal) 28 VDC Operate Voltage Close 15 to 29.5 VDC Trip 15 to 29.5 VDC Coil Current @ 28 VDC & +25 °C Close 9.4 Amps Maximum Trip 5.6 Amps Maximum Operating Temperature -15 °C to +70°C Life: Electrical 50,000 Cycles Mechanical 100,000 Cycles Weight 3 Lbs. 8 Oz. Notes: Features: • 3PST Main Contacts • Transient Suppression • Magnetic Latch • Self De-Energizing Coil • Designed for ease of maintenance • Less than 10 µ contact chatter during high vibration • 115/200 VAC, 400 Hz • 385 Amps • High Reliability • Meets many requirements of MIL-R-6106 • Light Weight Construction Catalog (web doc only) Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 5-04 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 HARTMAN Aerospace Power Products Dimensions for this product are expressed in inches. Multiply values by 25.4 for millimeters. For factory-direct application assistance, contact the HARTMAN product team at (419) 521-9500, Fax (419) 526-2749. © 2004 by Tyco Electronics Corporation. All Rights Reserved. HARTMAN and TYCO are trademarks. |
Similar Part No. - BP-493-1 |
|
Similar Description - BP-493-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |