Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5126ZI-10-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5126ZI-10-GT3
Description  One-Time Digitally Programmable 32-Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126ZI-10-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5126ZI-10-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAT5126
© 2009 SCILLC. All rights reserved.
1
Doc. No. MD-2129 Rev. D
Characteristics subject to change without notice
One-Time Digitally Programmable 32-Tap Potentiometer
FEATURES
Wiper position stored after one-time non-
volatile programming
User-defined Power-On wiper position
32-tap positions
Wiper position programmed through simple
2-wire serial interface
Low 0.35 µA (typ) static supply current
2.5 V to 5.5 V single-supply operation
10 kΩ, 50 kΩ, and 100 kΩ end-to-end
resistances
50 ppm/°C end-to-end temperature coefficient
and 5 ppm/°C ratiometric temperature
coefficient
TDFN 8-pad (2 x 3 mm) and MSOP 8-lead packages
APPLICATIONS
Mechanical potentiometer replacement
Products using one-time factory calibration
Contrast, brightness, volume controls
Programmable analog functions
PIN CONFIGURATION
MSOP (Z)
(top view)
RW 1
8 RH
CS
¯¯¯ 2
7 RL
VDD 3
6 U/D
¯
GND 4
5 VPP
CAT
5126
TDFN (VP2)
(top view)
RW
1
8 RH
CS
¯¯¯
2
7 RL
VDD 3
6 U/D
¯
GND
4
5 VPP
DESCRIPTION
The
CAT5126
is
a
digital
programmable
potentiometer. The wiper position is controlled with a
simple
2-wire
digital
interface.
This
digital
potentiometer is unique in that it has an optional one-
time programmable feature that either sets the wiper’s
position upon power-on to a user-defined value, or the
wiper can be set and the interface also disabled to
prevent further adjustment.
The CAT5126 has an end-to-end resistance of 10 kΩ,
50 kΩ, and 100 kΩ. All CAT5126 devices have
32-wiper positions and operate from a single 2.5 V to
5.5 V supply.
The CAT5126 is available in TDFN 8-pad and MSOP
8-lead packages. Each device is guaranteed over the
industrial temperature range of -40°C to +85°C.
FUNCTIONAL DIAGRAM
32-POSITION
DECODER
8
1
7
5
6
2
4
3
VPP
R31
R30
RW
R2
R1
VDD
RH
RL
RW
U/D
UP/DOWN
COUNTER
ONE-TIME
PROGRAM
BLOCK
CS
GND
For Ordering Information details, see page 10.


Similar Part No. - CAT5126ZI-10-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126ZI-10-GT3 CATALYST-CAT5126ZI-10-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126ZI-10-GT3 CATALYST-CAT5126ZI-10-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126ZI-10-GT3 ONSEMI-CAT5126ZI-10-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
CAT5126ZI-10-GT3 ONSEMI-CAT5126ZI-10-GT3 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
More results

Similar Description - CAT5126ZI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5126VP2I-10-GT3 ONSEMI-CAT5126VP2I-10-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com