Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5113YI-00-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5113YI-00-GT3
Description  100-Tap Digitally Programmable Potentiometer (DPP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5113YI-00-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5113YI-00-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5113YI-00-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5113YI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5113YI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5113YI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5113YI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5113YI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5113YI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5113YI-00-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT5113
© 2009 SCILLC. All rights reserved.
3
Doc. No. MD-2009 Rev. Y
Characteristics subject to change without notice
OPERATION MODES
INC
¯¯¯
CS
¯¯
U/D
¯
Operation
High to Low
Low
High
Wiper toward H
High to Low
Low
Low
Wiper toward L
High
Low to High
X
Store Wiper Position
Low
Low to High
X
No Store, Return to Standby
X
High
X
Standby
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Supply Voltage
VCC to GND
-0.5 to +7
V
Inputs
CS
¯¯ to GND
-0.5 to VCC +0.5
V
INC
¯¯¯ to GND
-0.5 to VCC +0.5
V
U/D
¯ to GND
-0.5 to VCC +0.5
V
H to GND
-0.5 to VCC +0.5
V
L to GND
-0.5 to VCC +0.5
V
W to GND
-0.5 to VCC +0.5
V
Parameters
Ratings
Units
Operating Ambient Temperature
Commercial (‘C’ or Blank suffix)
0 to 70
ºC
Industrial (‘I’ suffix)
-40 to +85
ºC
Junction Temperature
+150
ºC
Storage Temperature
-65 to 150
ºC
Lead Soldering (10s max)
+300
ºC
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP
(2)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(2) (3)
Latch-Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL-STD-883, Test Method 1008
100
Years
NEND
Endurance
MIL-STD-883, Test Method 1003
1,000,000
Stores
DC ELECTRICAL CHARACTERISTICS
VCC = +2.5 V to +6 V unless otherwise specified
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
6.0
V
VCC = 6 V, f = 1 MHz, IW = 0
100
µA
ICC1
Supply Current (Increment)
VCC = 6 V, f = 250 kHz, IW = 0
50
µA
Programming, VCC = 6 V
1000
µA
ICC2
Supply Current (Write)
VCC = 3 V
500
µA
ISB1
(3)
Supply Current (Standby)
CS
¯¯ = VCC - 0.3 V
U/D
¯, INC
¯¯¯ = VCC - 0.3 V or GND
0.01
1
µA
Notes:
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2)
This parameter is tested initially and after a design or process change that affects the parameter.
(3)
Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1 V to VCC + 1 V
(4)
IW = source or sink
(5)
These parameters are periodically sampled and are not 100% tested.


Similar Part No. - CAT5113YI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113YI-00-GT3 ONSEMI-CAT5113YI-00-GT3 Datasheet
204Kb / 13P
   100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
More results

Similar Description - CAT5113YI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com