Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5126VP2I00GT3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5126VP2I00GT3
Description  One-Time Digitally Programmable 32-Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126VP2I00GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5126VP2I00GT3 Datasheet HTML 3Page - ON Semiconductor CAT5126VP2I00GT3 Datasheet HTML 4Page - ON Semiconductor CAT5126VP2I00GT3 Datasheet HTML 5Page - ON Semiconductor CAT5126VP2I00GT3 Datasheet HTML 6Page - ON Semiconductor CAT5126VP2I00GT3 Datasheet HTML 7Page - ON Semiconductor CAT5126VP2I00GT3 Datasheet HTML 8Page - ON Semiconductor CAT5126VP2I00GT3 Datasheet HTML 9Page - ON Semiconductor CAT5126VP2I00GT3 Datasheet HTML 10Page - ON Semiconductor CAT5126VP2I00GT3 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT5126
Doc. No. MD-2129 Rev. D
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION (1)
ORDERING INFORMATION
Orderable Part Number
Resistor [kΩ]
Package-Pin
Part Per Reel
CAT5126VP2I10GT3*
10
TDFN
3000
CAT5126VP2I50GT3
(4)
*
50
TDFN
3000
CAT5126VP2I00GT3
(4)
*
100
TDFN
3000
CAT5126ZI-10-GT3
10
MSOP
3000
CAT5126ZI-50-GT3
(4)
50
MSOP
3000
CAT5126ZI-00-GT3
(4)
100
MSOP
3000
* Part number is not exactly the same as the “Example of Ordering Information” shown above. For part numbers marked with * there are NO
hyphens in the orderable part numbers.
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT5126ZI-10-GT3 (MSOP, Industrial Temperature range, 10 kΩ, NiPdAu, Tape & Reel,
3,000/Reel).
(4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
Prefix
Device #
Suffix
CAT
5126
Z
I
-10
G
T3
Company ID
Product Number
5126
Temperature Range
I = Industrial (-40ºC to 85ºC)
Resistance
-10: 10 kΩ
-50: 50 kΩ
-00: 100 kΩ
Lead Finish
G:NiPdAu
Package
Z: MSOP
VP2: TDFN
Tape & Reel
T: Tape & Reel
3: 3,000/Reel


Similar Part No. - CAT5126VP2I00GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126VP2I-00-GT3 ONSEMI-CAT5126VP2I-00-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
logo
Catalyst Semiconductor
CAT5126VP2I-10-GT3 CATALYST-CAT5126VP2I-10-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126VP2I-10-GT3 CATALYST-CAT5126VP2I-10-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
More results

Similar Description - CAT5126VP2I00GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5126VP2I-10-GT3 ONSEMI-CAT5126VP2I-10-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com