Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4016 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT4016
Description  16-Channel Constant Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4016 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT4016 Datasheet HTML 1Page - ON Semiconductor CAT4016 Datasheet HTML 2Page - ON Semiconductor CAT4016 Datasheet HTML 3Page - ON Semiconductor CAT4016 Datasheet HTML 4Page - ON Semiconductor CAT4016 Datasheet HTML 5Page - ON Semiconductor CAT4016 Datasheet HTML 6Page - ON Semiconductor CAT4016 Datasheet HTML 7Page - ON Semiconductor CAT4016 Datasheet HTML 8Page - ON Semiconductor CAT4016 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT4016
http://onsemi.com
4
Table 4. TIMING CHARACTERISTICS
(For 3.0 V ≤ VDD ≤ 5.5 V, TAMB = 25°C, unless specified otherwise.)
Symbol
Name
Conditions
Min
(Note 1)
Typ
(Note 2)
Max
(Note 1)
Units
CLK
fclk
CLK Clock Frequency
25
MHz
tcwh
CLK Pulse Width High
20
ns
tcwl
CLK Pulse Width Low
20
ns
SIN
tssu
Setup time SIN to CLK
4
ns
tsh
Hold time SIN to CLK
4
ns
LATCH
tlwh
LATCH Pulse width
20
ns
Tlh
Hold time LATCH to CLK
4
ns
Tlsu
Setup time LATCH to CLK
Channel Stagger Delay
800
ns
LEDn
tld
LED1 Propagation delay
LATCH to LED1 off/on
40
300
ns
tls
LED Propagation delay stagger
LED(n) to LED(n+1)
17
40
ns
tlst
LED Propagation delay stagger total
LED1 to LED16
250
ns
tbd
BLANK Propagation delay
BLANK to LED(n) off/on
60
300
ns
tlr
LED rise time (10% to 90%)
Pull−up resistor = 50 W to 3.0 V
40
200
ns
tlf
LED fall time (90% to 10%)
Pull−up resistor = 50 W to 3.0 V
30
250
ns
SOUT
tor
SOUT rise time (10% to 90%)
CL = 15 pF
5
ns
tof
SOUT fall time (90% to 10%)
CL = 15 pF
5
ns
tod
Propagation delay time SOUT
CLK to SOUT
8
15
25
ns
1. All min and max values are guaranteed by design.
2. VDD = 5 V, LED current 30 mA.
Figure 2. Test Circuit for AC Characteristics
LED1
VDD
VDD
1 mF
BLANK
LATCH
SIN
CLK
GND
CAT4016
LED16
SOUT
RSET
RSET
15 pF
Cl
V1
3 V
Rp
50 W
Rp
50 W


Similar Part No. - CAT4016

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
CAT4016 CATALYST-CAT4016 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
Catalyst Semiconductor
CAT4016HV6-GT2 CATALYST-CAT4016HV6-GT2 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016HV6-GT2 ONSEMI-CAT4016HV6-GT2 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
More results

Similar Description - CAT4016

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com