Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4004 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT4004
Description  4-Channel Constant Current LED Driver with EZDim
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT4004 Datasheet HTML 1Page - ON Semiconductor CAT4004 Datasheet HTML 2Page - ON Semiconductor CAT4004 Datasheet HTML 3Page - ON Semiconductor CAT4004 Datasheet HTML 4Page - ON Semiconductor CAT4004 Datasheet HTML 5Page - ON Semiconductor CAT4004 Datasheet HTML 6Page - ON Semiconductor CAT4004 Datasheet HTML 7Page - ON Semiconductor CAT4004 Datasheet HTML 8Page - ON Semiconductor CAT4004 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT4004
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDx, RSET
6
V
EN/DIM Voltage
VIN + 0.7
V
Storage Temperature Range
−65 to +160
°C
Junction Temperature Range
−40 to +150
°C
Lead Temperature
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VIN
2.4 to 5.5
V
Ambient Temperature Range
−40 to +85
°C
ILED per LED pin
0 to 40
mA
NOTE: Typical application circuit with external components is shown on page 1.
Table 3. ELECTRICAL OPERATING CHARACTERISTICS
(over recommended operating conditions unless specified otherwise) VIN = 4.0 V, EN = High, TAMB = 25°C
Symbol
Name
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
No load, RSET = Float
No load, RSET = 4.8 kW
0.6
1.0
mA
IQSHDN
Shutdown Current
VEN = 0 V
1
mA
ILED−ACC
LED Current Accuracy
1 mA ≤ ILED ≤ 40 mA
±1
%
ILED−DEV
LED Channel Matching
ILED * ILEDAVG
ILED
−5
±1
+5
%
VDOUT
Dropout Voltage
ILED = 30 mA
130
mV
REN/DIM
VHI
VLO
EN/DIM Pin
− Internal pull−down resistor
− Logic High Level
− Logic Low Level
1.3
100
0.4
kW
V
V
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
VUVLO
Undervoltage lockout (UVLO) threshold
1.8
V


Similar Part No. - CAT4004

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
CAT4004 CATALYST-CAT4004 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4004A ONSEMI-CAT4004A Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
More results

Similar Description - CAT4004

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004_08 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
   4-channel LED constant current driver UCS2904B
ver2.
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com