Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1775651 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1775651
Description  HC-B 32-TFQ-80/M1PG21S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1775651 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1775651 Datasheet HTML 1Page - PHOENIX CONTACT 1775651 Datasheet HTML 2Page - PHOENIX CONTACT 1775651 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Mar 4, 2010
Extract from the online
catalog
 
HC-B 32-TFQ-80/M1PG21S
Order No.: 1775651
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1775651
 
 
Sleeve housing, for double locking latch, height 80 mm, with screw
connection, 1x Pg21, lateral cable entry
 
Commercial data
EAN
4017918038229
Pack
10 pcs.
Customs tariff
85389099
Weight/Piece
0.45961 KG
Catalog page information
Page 504 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
03/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Note
For contact inserts HC-B32, DD144, M
Design
B32
Height
80 mm
Width
79 mm


Similar Part No. - 1775651

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1775606 PHOENIX-1775606 Datasheet
87Kb / 3P
   HC-B 16-TFL-76/M1PG29G
1775619 PHOENIX-1775619 Datasheet
137Kb / 5P
   HC-B 16-EBUS 32
1775622 PHOENIX-1775622 Datasheet
139Kb / 5P
   HC-B 16-ESTS 32
1775631 PHOENIX-1775631 Datasheet
56Kb / 3P
   Filler plugs - PV-C PLUG
09/12/2020
logo
Weidmuller
1775632001 WEIDMULLER-1775632001 Datasheet
94Kb / 5P
   SL-SMT5.08/5/180 1.5SN
More results

Similar Description - 1775651

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1647307 PHOENIX-1647307 Datasheet
88Kb / 3P
   HC-B 32-TFQ-80/O1STM40G
1775677 PHOENIX-1775677 Datasheet
96Kb / 3P
   HC-B 32-TFQ-80/M1PG21G
1775664 PHOENIX-1775664 Datasheet
100Kb / 3P
   HC-B 32-TFQ-80/M1PG29S
1604871 PHOENIX-1604871 Datasheet
96Kb / 3P
   HC-B 32-TFQ-80/O1M25S
1775680 PHOENIX-1775680 Datasheet
100Kb / 3P
   HC-B 32-TFQ-80/M1PG29G
1604870 PHOENIX-1604870 Datasheet
104Kb / 3P
   HC-B 32-TFQ-80/O1M25G
1771503 PHOENIX-1771503 Datasheet
90Kb / 3P
   HC-B 16-TFQ-76/M1PG21S
1771765 PHOENIX-1771765 Datasheet
90Kb / 3P
   HC-B 24-TFQ-76/M1PG21S
1661480 PHOENIX-1661480 Datasheet
93Kb / 3P
   HC-B 24-TFQ-60/M1PG21S
1460197 PHOENIX-1460197 Datasheet
50Kb / 3P
   Housing - HC-B 32-TFQ-80/O1STM50G
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com