Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T81M6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T81M6F
Description  Serial access real-time clock with alarm
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81M6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T81M6F Datasheet HTML 4Page - STMicroelectronics M41T81M6F Datasheet HTML 5Page - STMicroelectronics M41T81M6F Datasheet HTML 6Page - STMicroelectronics M41T81M6F Datasheet HTML 7Page - STMicroelectronics M41T81M6F Datasheet HTML 8Page - STMicroelectronics M41T81M6F Datasheet HTML 9Page - STMicroelectronics M41T81M6F Datasheet HTML 10Page - STMicroelectronics M41T81M6F Datasheet HTML 11Page - STMicroelectronics M41T81M6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Operation
M41T81
8/30
2
Operation
The M41T81 clock operates as a slave device on the serial bus. Access is obtained by
implementing a start condition followed by the correct slave address (D0h). The 20 bytes
contained in the device can then be accessed sequentially in the following order:
1st byte: tenths/hundredths of a second register
2nd byte: seconds register
3rd byte: minutes register
4th byte: century/hours register
5th byte: day register
6th byte: date register
7th byte: month register
8th byte: year register
9th byte: control register
10th byte: watchdog register
11th - 16th bytes: alarm registers
17th - 19th bytes: reserved
20th byte: square wave register
The M41T81 clock continually monitors VCC for an out-of-tolerance condition. Should VCC
fall below VSO, the device terminates an access in progress and resets the device address
counter. Inputs to the device will not be recognized at this time to prevent erroneous data
from being written to the device from a an out-of-tolerance system. The device also
automatically switches over to the battery and powers down into an ultra low current mode
of operation to conserve battery life. As system power returns and VCC rises above VSO, the
battery is disconnected, and the power supply is switched to external VCC.
For more information on battery storage life refer to Application Note AN1012.
2.1
2-wire bus characteristics
The bus is intended for communication between different ICs. It consists of two lines: a bi-
directional data signal (SDA) and a clock signal (SCL). Both the SDA and SCL lines must be
connected to a positive supply voltage via a pull-up resistor.
The following protocol has been defined:
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is high.
Changes in the data line, while the clock line is high, will be interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
2.1.1
Bus not busy
Both data and clock lines remain high.


Similar Part No. - M41T81M6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81M6F STMICROELECTRONICS-M41T81M6F Datasheet
389Kb / 27P
   Serial Access Real-Time Clock with Alarms
M41T81M6F STMICROELECTRONICS-M41T81M6F Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
M41T81M6F STMICROELECTRONICS-M41T81M6F Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
More results

Similar Description - M41T81M6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
M41T80 STMICROELECTRONICS-M41T80_06 Datasheet
208Kb / 25P
   Serial access Real Time Clock with alarm
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com