Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3637HV3-GT2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT3637HV3-GT2
Description  6-Channel Programmable High Efficiency Quad-Mode LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3637HV3-GT2 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT3637HV3-GT2 Datasheet HTML 1Page - ON Semiconductor CAT3637HV3-GT2 Datasheet HTML 2Page - ON Semiconductor CAT3637HV3-GT2 Datasheet HTML 3Page - ON Semiconductor CAT3637HV3-GT2 Datasheet HTML 4Page - ON Semiconductor CAT3637HV3-GT2 Datasheet HTML 5Page - ON Semiconductor CAT3637HV3-GT2 Datasheet HTML 6Page - ON Semiconductor CAT3637HV3-GT2 Datasheet HTML 7Page - ON Semiconductor CAT3637HV3-GT2 Datasheet HTML 8Page - ON Semiconductor CAT3637HV3-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT3637
http://onsemi.com
4
Table 4. RECOMMENDED EN/SET TIMING (For 2.5 ≤ VIN ≤ 5.5 V, over full ambient temperature range −40° to +85°C.)
Symbol
Name
Conditions
Min
Typ
Max
Units
TLO
EN/SET program low time
0.2
100
ms
THI
EN/SET program high time
0.2
ms
TOFF
EN/SET low time to shutdown
1.5
ms
TD
LED current settling time
10
ms
Figure 2. EN/SET One Wire Addressable Timing Diagram
2 mA 4 mA
2 mA
0 mA
0 mA
6 mA
28 mA 30 mA
Shutdown
EN/SET
LED
Current
Shutdown
TOFF
TLO
THI
TD


Similar Part No. - CAT3637HV3-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3637HV3-GT2 CATALYST-CAT3637HV3-GT2 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
More results

Similar Description - CAT3637HV3-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
logo
Catalyst Semiconductor
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643_0710 CATALYST-CAT3643_0710 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3643HV2-T2 ONSEMI-CAT3643HV2-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
logo
Catalyst Semiconductor
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com