Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3614HV2-T2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT3614HV2-T2
Description  4-Channel 1-Wire LED Driver in 3 x 3 mm Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3614HV2-T2 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT3614HV2-T2 Datasheet HTML 1Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 2Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 3Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 4Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 5Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 6Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 7Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 8Page - ON Semiconductor CAT3614HV2-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT3614
http://onsemi.com
2
Figure 1. Typical Application Circuit
GND
3 V to
5.5 V
20 mA
LED2
LED3
LED1
LED4
EN/DIM
CAT3614
VIN
VOUT
1 mF
1 mF
C1−
C1+
C2−
C2+
1 mF
1 mF
ENABLE/
DIMMING
VOUT
COUT
VIN
CIN
NOTE: Unused LED channels must be connected to VOUT.
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDx voltage
6
V
VOUT, C1±, C2± voltage
7
V
EN/DIM voltage
VIN + 0.7 V
V
Storage Temperature Range
−65 to +160
°C
Junction Temperature Range
−40 to +150
°C
Lead Temperature
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
3 to 5.5
V
Ambient Temperature Range
−40 to +85
°C
ILED per LED pin
0 to 31
mA
Total Output Current
0 to 124
mA
NOTE: Typical application circuit with external components is shown above.


Similar Part No. - CAT3614HV2-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614HV2-T2 CATALYST-CAT3614HV2-T2 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
CAT3614HV2-T2 CATALYST-CAT3614HV2-T2 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
More results

Similar Description - CAT3614HV2-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
   3-Channel LED Driver in 3x3mm Package
logo
List of Unclassifed Man...
AND124G ETC-AND124G Datasheet
51Kb / 2P
   Standard LED T-1 Package (3 mm)
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
logo
Vishay Siliconix
TLHW5100 VISHAY-TLHW5100 Datasheet
175Kb / 5P
   White LED in 5mm (T 1 3/4) Waterclear Package
Rev. 1.5, 31-Aug-04
TLDR4900 VISHAY-TLDR4900 Datasheet
74Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com