Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3604V Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode LED Driver with Open/Short LED Detection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604V Datasheet(HTML) 4 Page - ON Semiconductor

  CAT3604V Datasheet HTML 1Page - ON Semiconductor CAT3604V Datasheet HTML 2Page - ON Semiconductor CAT3604V Datasheet HTML 3Page - ON Semiconductor CAT3604V Datasheet HTML 4Page - ON Semiconductor CAT3604V Datasheet HTML 5Page - ON Semiconductor CAT3604V Datasheet HTML 6Page - ON Semiconductor CAT3604V Datasheet HTML 7Page - ON Semiconductor CAT3604V Datasheet HTML 8Page - ON Semiconductor CAT3604V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT3604V
http://onsemi.com
4
Table 4. A.C. CHARACTERISTICS
(For 2.5 V ≤ VIN ≤ 5.5 V, over full ambient temperature range −40 to +85°C.)
Symbol
Name
Conditions
Min
Typ
Max
Units
TLED
LED current settling time from shutdown mode
1x mode, VIN = 4 V
1.33x mode, VIN = 3.5 V
40
400
ms
TMD
Mode transition time
500
ms
TPWRDWN
Device power down delay
0.9
1.5
ms
TLED−ON
LED on settling time
1
ms
TLED−OFF
LED off settling time
120
ns
Figure 2. CAT3604V Timing Characteristics
LED Current Setting
The nominal LED current is set by the external resistor
connected between the RSET pin and ground. Table 5 lists
standard resistor values for several LED current settings.
Table 5. RESISTOR RSET AND LED CURRENT
LED Current (mA)
RSET (kW)
2
40.0
5
15.8
10
7.87
15
5.23
20
4.02
25
3.16
30
2.67


Similar Part No. - CAT3604V

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604V CATALYST-CAT3604V Datasheet
340Kb / 15P
   4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V Datasheet
227Kb / 14P
   4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3604VHV4-GT2 CATALYST-CAT3604VHV4-GT2 Datasheet
340Kb / 15P
   4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
logo
ON Semiconductor
CAT3604VHV4-GT2 ONSEMI-CAT3604VHV4-GT2 Datasheet
227Kb / 14P
   4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3604VHV4-T2 CATALYST-CAT3604VHV4-T2 Datasheet
340Kb / 15P
   4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
More results

Similar Description - CAT3604V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3604HV4 ONSEMI-CAT3604HV4 Datasheet
227Kb / 14P
   4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3604V CATALYST-CAT3604V Datasheet
340Kb / 15P
   4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com