Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1640WI-25-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT1640WI-25-GT3
Description  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1640WI-25-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT1640WI-25-GT3 Datasheet HTML 1Page - ON Semiconductor CAT1640WI-25-GT3 Datasheet HTML 2Page - ON Semiconductor CAT1640WI-25-GT3 Datasheet HTML 3Page - ON Semiconductor CAT1640WI-25-GT3 Datasheet HTML 4Page - ON Semiconductor CAT1640WI-25-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1640WI-25-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1640WI-25-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1640WI-25-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1640WI-25-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice.
Doc. No. MD-3012, Rev. D
ALO
GEN FR
TM
LEAD FREE
FEATURES
s Precision power supply voltage monitor
— 5V, 3.3V and 3V systems
- +5.0V (+/- 5%, +/- 10%)
- +3.3V (+/- 5%, +/- 10%)
- +3.0V (+/- 10%)
s Active low reset, CAT1640
s Active high reset, CAT1641
s Valid reset guaranteed at V
CC=1V
s 400kHz I2C bus
s 3.0V to 5.5V operation
s Low power CMOS technology
s 64-Byte page write buffer
s 1,000,000 Program/Erase cycles
s 100 year data retention
s 8-pin DIP, SOIC, TSSOP and TDFN packages
s Industrial temperature range
PIN CONFIGURATION
DESCRIPTION
The CAT1640 and CAT1641 are complete memory and
supervisory solutions for microcontroller-based systems.
A 64kbit serial EEPROM memory and a system power
supervisor with brown-out protection are integrated
together in low power CMOS technology. Memory
interface is via a 400kHz I2C bus.
The CAT1640 provides a precision VCC sense circuit
and drives an open drain output,
RESET low whenever
VCC falls below the reset threshold voltage.
The CAT1641 provides a precision VCC sense circuit
that drives an open drain output, RESET high whenever
VCC falls below the reset threshold voltage.
The power supply monitor and reset circuit protect
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
voltages support 5V, 3.3V and 3V systems. If power
supply voltages are out of tolerance reset signals become
active, preventing the system microcontroller, ASIC or
peripherals from operating. Reset signals become inactive
typically 200 ms after the supply voltage exceeds the reset
threshold level. With both active high and low reset options,
interface to microcontrollers and other ICs is simple. In
addition, the
RESET (CAT1640) pin can be used as an
input for push-button manual reset capability.
The CAT1640/41 memory features a 64-byte page. In
addition, hardware data protection is provided by a VCC
sense circuit that prevents writes to memory whenever VCC
falls below the reset threshold or until VCC reaches the reset
threshold during power up.
Available packages include an 8-pin DIP, SOIC, TSSOP
and 4.9 x 3mm TDFN.
PDIP (L) SOIC (W)
TDFN PACKAGE: 4.9MM X 3MM
(ZD2)
A0
VCC
RESET
SCL
SDA
A1
A2
VSS
CAT1640
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
CAT1641
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
CAT1640
A0
A1
A2
VSS
VCC
RESET
SCL
SDA
CAT1641
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
A0
VCC
RESET
SCL
SDA
A1
A2
VSS
CAT1640
1
2
3
4
8
7
6
5
CAT1641
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
A0
A1
A2
VSS
TSSOP (Y)
Supervisory Circuits with I2C Serial 64K
CMOS EEPROM
CAT1640, CAT1641


Similar Part No. - CAT1640WI-25-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1640WI-25SOIC CATALYST-CAT1640WI-25SOIC Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1640WI-25TDFN CATALYST-CAT1640WI-25TDFN Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1640WI-25TE13 CATALYST-CAT1640WI-25TE13 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1640WI-25TSSOP CATALYST-CAT1640WI-25TSSOP Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
More results

Similar Description - CAT1640WI-25-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com