Electronic Components Datasheet Search |
|
CAT825LSDI-GT3 Datasheet(PDF) 10 Page - ON Semiconductor |
|
CAT825LSDI-GT3 Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 15 page CAT823, CAT824, CAT825 Doc. No. MD-3027 Rev. D 10 © 2010 SCILLC. All rights reserved. Characteristics subject to change without notice APPLICATION NOTES µP’s with Bidirectional Reset Pins The RESET ¯¯¯¯¯¯ output can be pulled low by processors like the 68HC11 allowing for a system reset issued by the processor. The maximum pullup current that can be sourced by the CAT82_L/M is 1.5mA (and by the CAT82_T/R/S/Z/Y is 800µA) allowing the processor to pull the output low even when the CAT82x is pulling it high. Power Transients Generally short duration negative-going transients of less than 2µs on the power supply at VRST minimum will not cause a reset condition. However the lower the voltage of the transient the shorter the required time to cause a reset output. These issues can usually be remedied by the proper location of bypass capacitance on the circuit board. OUTPUT VALID CONDITIONS The RESET ¯¯¯¯¯¯ output uses a push-pull output which can maintain a valid output down to a VCC of 1.0 volts. To sink current below 0.8V a resistor can be connected from RESET ¯¯¯¯¯¯ to Ground (see Figure 8.) This arrangement will maintain a valid value on the RESET ¯¯¯¯¯¯ output during both power up and down but will draw current when the RESET ¯¯¯¯¯¯ output is in the high state. A resistor value of about 100k Ω should be adequate in most situations to maintain a low condition valid output down to VCC equal to 0V. Figure 8. RESET ¯¯¯¯¯¯ Valid to 0 Volts VCC 100kΩ CAT823 VCC GND WDI MR µC RESET RESET |
Similar Part No. - CAT825LSDI-GT3 |
|
Similar Description - CAT825LSDI-GT3 |