Electronic Components Datasheet Search |
|
CAT812ZTBI-GT10 Datasheet(PDF) 3 Page - ON Semiconductor |
|
CAT812ZTBI-GT10 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 11 page CAT811, CAT812 (1) ABSOLUTE MAXIMUM RATINGS Parameters Ratings Units Any pin with respect to ground -0.3 to + 6.0 V Input Current, V 20 mA CC Output Current RESET, RESET ¯¯¯¯¯¯ 20 mA Rate of Raise, V 100 V/µs CC Continuous Power Dissipations 320 mW Derate 4mW/ºC above +70ºC (SOT-143) Storage Temperature -65 to +105 ºC Operating Ambient Temperature -40 to +85 ºC Lead Soldering (10 seconds) +300 ºC ELECTRICAL OPERATING CHARACTERISTICS VCC = Full range, TA = -40°C to +85°C unless otherwise noted. Typical values at TA = +25°C and VCC = 5V for the L/M/J versions, V = 3.3V for the T/S versions, V = 3V for the R version and V CC CC CC = 2.5V for the Z version. Parameter Symbol Conditions Min Typ Max Units TA = 0°C to +70°C 1.0 5.5 VCC Range V TA = -40°C to +85°C 1.2 5.5 VCC < 5.5V, J/L/M 8 20 Supply Current ICC TA = -40˚C to +85˚C µA VCC < 3.6V, R/S/T/Z 6 15 TA = +25°C 4.56 4.63 4.70 L Threshold TA = -40°C to +85°C 4.50 4.75 TA = +25°C 4.31 4.38 4.45 M Threshold TA = -40°C to +85°C 4.25 4.50 TA = +25°C 3.93 4.00 4.06 J Threshold TA = -40°C to +85°C 3.89 4.10 TA = +25°C 3.04 3.08 3.11 Reset T Threshold TA = -40°C to +85°C 3.00 3.15 TA = +25°C 2.89 2.93 2.96 S Threshold TA = -40°C to +85°C 2.85 3.00 TA = +25°C 2.59 2.63 2.66 R Threshold TA = -40°C to +85°C 2.55 2.70 TA = +25°C 2.28 2.32 2.35 Threshold Voltage VTH V Z Threshold TA = -40°C to +85°C 2.25 2.38 Notes: (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. © 2010 SCILLC. All rights reserved. 3 Doc. No. MD-3005 Rev. U Characteristics subject to change without notice |
Similar Part No. - CAT812ZTBI-GT10 |
|
Similar Description - CAT812ZTBI-GT10 |