Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3200 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT3200 Datasheet HTML 1Page - ON Semiconductor CAT3200 Datasheet HTML 2Page - ON Semiconductor CAT3200 Datasheet HTML 3Page - ON Semiconductor CAT3200 Datasheet HTML 4Page - ON Semiconductor CAT3200 Datasheet HTML 5Page - ON Semiconductor CAT3200 Datasheet HTML 6Page - ON Semiconductor CAT3200 Datasheet HTML 7Page - ON Semiconductor CAT3200 Datasheet HTML 8Page - ON Semiconductor CAT3200 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT3200, CAT3200−5
http://onsemi.com
3
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameters
Ratings
Units
VIN
2.7 to 4.5
V
CIN, COUT, CFLY
1
mF
ILOAD
0 to 100
mA
Ambient Temperature Range
−40 to +85
°C
Table 4. ELECTRICAL SPECIFICATIONS
(Recommended operating conditions unless otherwise specified. CIN, COUT, CFLY are 1 mF ceramic capacitors and VIN is set to 3.6 V.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Regulated Output
ILOAD ≤ 40 mA, VIN ≥ 2.7 V
ILOAD ≤ 100 mA, VIN ≥ 3.1 V
4.8
5.0
5.2
V
VLINE
Line Regulation
3.1 V ≤ VIN ≤ 4.5 V, ILOAD = 50 mA
6
mV
VLOAD
Load Regulation
ILOAD = 10 mA to 100 mA, VIN = 3.6 V
20
mV
FOSC
Switching Frequency
1.3
2.0
2.6
MHz
VR
Output Ripple Voltage
ILOAD = 100 mA
CAT3200−5 Only
30
mVp−p
h
Efficiency
ILOAD = 50 mA, VIN = 3 V, CAT3200−5
80
%
IGND
Ground Current
ILOAD = 0 mA, SHDN = VIN
1.6
4
mA
ISHDN
Shutdown Input Current
ILOAD = 0 mA, SHDN = 0 V to VIN
1
mA
VFB
FB Voltage
CAT3200 Only
1.22
1.27
1.32
V
IFB
FB Input Current
CAT3200 Only
−50
50
nA
ROL
Open−Loop Resistance
ILOAD = 100 mA, VIN = 3 V (Note 1)
10
W
TON
VOUT Turn−on time (10% to 90%)
ILOAD = 0 mA, VIN = 3 V
0.5
ms
VIHSHDN
High Detect Shutdown Threshold
0.8
1.3
V
VILSHDN
Low Detect Shutdown Threshold
0.4
V
IROUT
Reverse Leakage into OUT pin
VOUT = 5 V, Shutdown mode (Note 2)
15
30
mA
ISC
Short−circuit Output
VOUT = 0 V
80
mA
TSD
Thermal Shutdown
160
°C
THYST
Thermal Hysteresis
20
°C
1. ROL = (2VIN − VOUT)/IOUT
2. In the event of a controlled shutdown, the output will be isolated from the input, but will remain connected to the internal resistor feedback
network. This will cause a small level of reverse current to flow back into the device to ground.


Similar Part No. - CAT3200

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
557Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
228Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200-5 CATALYST-CAT3200-5 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
More results

Similar Description - CAT3200

ManufacturerPart #DatasheetDescription
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com