Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3200 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT3200 Datasheet HTML 3Page - ON Semiconductor CAT3200 Datasheet HTML 4Page - ON Semiconductor CAT3200 Datasheet HTML 5Page - ON Semiconductor CAT3200 Datasheet HTML 6Page - ON Semiconductor CAT3200 Datasheet HTML 7Page - ON Semiconductor CAT3200 Datasheet HTML 8Page - ON Semiconductor CAT3200 Datasheet HTML 9Page - ON Semiconductor CAT3200 Datasheet HTML 10Page - ON Semiconductor CAT3200 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT3200, CAT3200−5
http://onsemi.com
7
Device Operation
The CAT3200/CAT3200−5 use a switched capacitor
charge pump to boost the voltage at IN to a regulated output
voltage. Regulation is achieved by sensing the output
voltage through an internal resistor divider (CAT3200−5)
and modulating the charge pump output current based on the
error signal. A 2−phase non−overlapping clock activates the
charge pump switches. The flying capacitor is charged from
the IN voltage on the first phase of the clock. On the second
phase of the clock it is stacked in series with the input voltage
and connected to OUT. The charging and discharging the
flying capacitor continues at a free running frequency of
typically 2 MHz.
In shutdown mode all circuitry is turned off and the
CAT3200/CAT3200−5 draw only leakage current from the
VIN supply. OUT is disconnected from IN. The SHDN pin
is a CMOS input with a threshold voltage of approximately
0.8 V. The CAT3200/CAT3200−5 is in shutdown when a
logic LOW is applied to the SHDN pin. The SHDN pin is a
high impedance CMOS input. SHDN does not have an
internal pull−down resistor and should not be allowed to
float and. It must always be driven with a valid logic level.
Short−Circuit and Thermal Protection
The CAT3200 and CAT3200−5 have built−in
short−circuit current limiting and over temperature
protection. During overload conditions, output current is
limited to approximately 225 mA. At higher temperatures,
or if the input voltage is high enough to cause excessive chip
self heating, the thermal shutdown circuit shuts down the
charge pump as the junction temperature exceeds
approximately 160
°C. Once the junction temperature drops
back to approximately 140
°C, the charge pump is enabled.
The CAT3200 and CAT3200−5 will cycle in and out of
thermal shutdown indefinitely without latch−up or damage
until a short−circuit on OUT is removed.
Programming the CAT3200 Output Voltage (FB Pin)
The CAT3200−5 version has an internal resistive divider
to program the output voltage. The programmable CAT3200
may be set to an arbitrary voltage via an external resistive
divider. Since it employs a voltage doubling charge pump,
it is not possible to achieve output voltages greater than
twice the available input voltage. Figure 17 shows the
required voltage divider connection. The voltage divider
ratio is given by the formula:
R1
R2 +
VOUT
1.27 V *
1
Typical values for total voltage divider resistance can
range from several k
Ws up to 1 MW.
Figure 17. Programming the Adjustable CAT3200
OUT
FB
1.27 V
R1
R2
8
7
4
5
CPOS
CNEG
IN
3
2
6
1
SHDN
PGND
SGND
COUT
VOUT
1 ) R1
R2


Similar Part No. - CAT3200

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
557Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
228Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200-5 CATALYST-CAT3200-5 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
More results

Similar Description - CAT3200

ManufacturerPart #DatasheetDescription
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com