Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT885ZI-ST-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT885ZI-ST-GT3
Description  Five-Channel Power Supply Supervisors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT885ZI-ST-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT885ZI-ST-GT3 Datasheet HTML 1Page - ON Semiconductor CAT885ZI-ST-GT3 Datasheet HTML 2Page - ON Semiconductor CAT885ZI-ST-GT3 Datasheet HTML 3Page - ON Semiconductor CAT885ZI-ST-GT3 Datasheet HTML 4Page - ON Semiconductor CAT885ZI-ST-GT3 Datasheet HTML 5Page - ON Semiconductor CAT885ZI-ST-GT3 Datasheet HTML 6Page - ON Semiconductor CAT885ZI-ST-GT3 Datasheet HTML 7Page - ON Semiconductor CAT885ZI-ST-GT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CAT885
Doc. No. MD-3028 Rev. C
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
FUNCTIONAL BLOCK DIAGRAM
RST
MR
Reset
Signal
V3MON
V4MON
VDD
VSS
VDD2
VDD
VREF
PB
VDD
VREF
VREF
VREF
V5MON
VREF
POR
120 ms
TIME-OUT
PIN FUNCTIONS
Pin #
Pin
Function
1
MR
¯¯¯
Active-low manual reset Input with internal pull-up resistor
2
VDD
Chip supply, first preset under-voltage detector input
3
VDD2
Second preset under-voltage detector input
4
VSS
Ground
5
V3MON
Adjustable third under-voltage detector input
6
V4MON
Adjustable fourth under-voltage detector input
7
V5MON
Adjustable fifth under-voltage detector input
8
RST
¯¯¯¯
Active-low open drain reset output, use external resistor


Similar Part No. - CAT885ZI-ST-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8801 ONSEMI-CAT8801 Datasheet
115Kb / 7P
   200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
May, 2010 ??Rev. 4
CAT8801L ONSEMI-CAT8801L Datasheet
115Kb / 7P
   200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
May, 2010 ??Rev. 4
CAT8801LSD-GT3 ONSEMI-CAT8801LSD-GT3 Datasheet
115Kb / 7P
   200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
May, 2010 ??Rev. 4
CAT8801LTB-GT3 ONSEMI-CAT8801LTB-GT3 Datasheet
115Kb / 7P
   200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
May, 2010 ??Rev. 4
CAT8801M ONSEMI-CAT8801M Datasheet
115Kb / 7P
   200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
May, 2010 ??Rev. 4
More results

Similar Description - CAT885ZI-ST-GT3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2753 MICREL-MIC2753_02 Datasheet
68Kb / 12P
   Power Supply Supervisors
logo
Eorex Corporation
EP1551 EOREX-EP1551_15 Datasheet
371Kb / 16P
   1 MHz Five-channel Power Supply
EP1551 EOREX-EP1551 Datasheet
366Kb / 16P
   1 MHz Five-channel Power Supply
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Texas Instruments
TL7770-5 TI-TL7770-5_06 Datasheet
389Kb / 15P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Texas Instruments
TL7770 TI-TL7770 Datasheet
128Kb / 9P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com