Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT808NTDI-27GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT808NTDI-27GT3
Description  Low-Power Precision Voltage Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT808NTDI-27GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT808NTDI-27GT3 Datasheet HTML 1Page - ON Semiconductor CAT808NTDI-27GT3 Datasheet HTML 2Page - ON Semiconductor CAT808NTDI-27GT3 Datasheet HTML 3Page - ON Semiconductor CAT808NTDI-27GT3 Datasheet HTML 4Page - ON Semiconductor CAT808NTDI-27GT3 Datasheet HTML 5Page - ON Semiconductor CAT808NTDI-27GT3 Datasheet HTML 6Page - ON Semiconductor CAT808NTDI-27GT3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CAT808
ABSOLUTE MAXIMUM RATINGS (1)
Parameters
Ratings
Units
Temperature under Bias
-55 to +125
ºC
Storage Temperature
-65 to +150
ºC
Voltage on any Pin with Respect to GND
(2)(3)
-2.0 to VDD + 2.0
V
VDD with Respect to GND
-2.0 to 7.0
V
Lead Soldering temperature (10 seconds)
+300
ºC
Power Dissipation
250
mW
RECOMMENDED OPERATING CONDITIONS
Parameters
Ratings
Units
VDD
+1.2 to +6.0
V
Operating Temperature Range
-40 to +85
ºC
DC ELECTRICAL CHARACTERISTICS
TA = -40ºC to +85ºC, VDD = 1.2V to 6.0V
Symbol
Parameter
Conditions
Min Typ. Max
Units
CAT808Nxxx-25
2.43
2.5 2.57
CAT808Nxxx-27
2.62
2.7 2.78
V
CAT808Nxxx-32
3.12
3.2 3.28
VDET
Detection Voltage
CAT808Nxxx-35
3.42
3.5 3.58
VDD = 4.0 V
-
2.4
5
VDD = 5.0 V
-
3.5
7
IDD
Current Consumption
VDD = 6.0 V
-
5
10
µA
VDD=1.2 V
0.6
1.4
-
IOUT
Output Sink Current
VDS = 0.5 V
VDD=2.4 V
2.9
5
-
mA
ILEAK
Output Leakage Current
VDS = 5.0 V, VDD = 5.0 V
-
-
1
µA
TPHL/LH
Response Time
-
-
60
µs
ΔVDET
ΔTA ● VDET(typ)
Detection Voltage
Temperature Coefficient
(4)
-
±10 ±100 ppm/ºC
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the devices at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and
reliability.
(2) The Minimum DC input voltage is -0.5 V. During transitions, inputs may undershoot to -2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5 V, which may overshoot to VCC +2.0 V for periods of less than 20 ns.
(3) Latch-up protection is provided for stresses up to 100 mA on all pins from -1 V to VCC +1 V.
(4) The temperature change ratio in the detection voltage [ppm/°C] is calculated by using the following equation:
]
C
ppm
[
000
,
000
,
1
)
typ
(
V
T
DET
A
DET
×
Δ
V
Δ
Doc. No. MD-3024 Rev. F
2
© 2010 SCILLC. All rights reserved.
Characteristics subject to change without notice


Similar Part No. - CAT808NTDI-27GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT808NTBI-20-GT1 CATALYST-CAT808NTBI-20-GT1 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
CAT808NTBI-20-GT3 CATALYST-CAT808NTBI-20-GT3 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
CAT808NTBI-20T1 CATALYST-CAT808NTBI-20T1 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
CAT808NTBI-20T3 CATALYST-CAT808NTBI-20T3 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
CAT808NTBI-21-GT1 CATALYST-CAT808NTBI-21-GT1 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
More results

Similar Description - CAT808NTDI-27GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT808 CATALYST-CAT808 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com