Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT661EVA Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT661EVA
Description  High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT661EVA Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT661EVA Datasheet HTML 3Page - ON Semiconductor CAT661EVA Datasheet HTML 4Page - ON Semiconductor CAT661EVA Datasheet HTML 5Page - ON Semiconductor CAT661EVA Datasheet HTML 6Page - ON Semiconductor CAT661EVA Datasheet HTML 7Page - ON Semiconductor CAT661EVA Datasheet HTML 8Page - ON Semiconductor CAT661EVA Datasheet HTML 9Page - ON Semiconductor CAT661EVA Datasheet HTML 10Page - ON Semiconductor CAT661EVA Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT661
http://onsemi.com
7
Application Information
Circuit Description and Operating Theory
The CAT661 switches capacitors to invert or double an
input voltage.
Figure 19 shows a simple switch capacitor circuit. In
position 1 capacitor C1 is charged to voltage V1. The total
charge on C1 is Q1 = C1V1. When the switch moves to
position 2, the input capacitor C1 is discharged to voltage
V2. After discharge, the charge on C1 is Q2 = C1V2.
The charge transferred is:
DQ + Q1 * Q2 + C1
(V1 * V2)
If the switch is cycled “F” times per second, the current
(charge transfer per unit time) is:
I + F
DQ + F
C1 (V1 * V2)
Rearranging in terms of impedance:
I +
(V1 * V2)
(1 FC1) +
V1 * V2
REQ
The 1/FC1 term can be modeled as an equivalent
impedance REQ. A simple equivalent circuit is shown in
Figure 20. This circuit does not include the switch resistance
nor does it include output voltage ripple. It does allow one
to understand the switch−capacitor topology and make
prudent engineering tradeoffs.
For example, power conversion efficiency is set by the
output impedance, which consists of REQ and switch
resistance. As switching frequency is decreased, REQ, the
1/FC1 term, will dominate the output impedance, causing
higher voltage losses and decreased efficiency. As the
frequency is increased quiescent current increases. At high
frequency this current becomes significant and the power
efficiency degrades.
The oscillator is designed to operate where voltage losses
are a minimum. With external 150
mF capacitors, the internal
switch resistances and the Equivalent Series Resistance
(ESR) of the external capacitors determine the effective
output impedance.
A block diagram of the CAT661 is shown in Figure 21.
Figure 19. Switched−Capacitor Building Block
Figure 20. Switched−Capacitor Equivalent Circuit
V1
C1
V2
V1
V2
REQ
C2
RL
RL
C2
REQ + 1
FC1


Similar Part No. - CAT661EVA

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT661EVA CATALYST-CAT661EVA Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661EVA CATALYST-CAT661EVA Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661EVA ONSEMI-CAT661EVA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
CAT661EVA-GT3 ONSEMI-CAT661EVA-GT3 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT661EVA-T3 CATALYST-CAT661EVA-T3 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
More results

Similar Description - CAT661EVA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com