Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

370-10-101-00-001000 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 370-10-101-00-001000
Description  HEADER STRIPS .100??Grid Solder Tail Single Row
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

370-10-101-00-001000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  370-10-101-00-001000 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HEADER STRIPS
.100” Grid Solder Tail
Single Row
www.mill-max.com
516-922-6000
108
Series 350, 360
370, 380
Ordering Information
Series 350...001
.025 Pin / .018 Solder Tail
350-XX-1_ _-00-001000
Series 360...001
Slotted Head / Solder Tail
360-XX-1_ _-00-001000
Series 370...001
Turret / Solder Tail
370-XX-1_ _-00-001000
Series 380...001
Solder Cup / Solder Tail
380-XX-1_ _-00-001000
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Specify # of pins
01-64
Specify # of pins
01-64
Specify # of pins
01-64
Specify # of pins
01-64
Fig. 3
Fig. 4
Fig. 1
Fig. 2
Pin Plating
10
μ” Au
200
μ” Sn/Pb 200μ”Sn
SPECIFY PLATING CODE XX=
10
90
40
• Series 350, 360, 370 & 380 single row
Header strips come with various styles
(pin, slotted head, turret and solder cup)
with pluggable solder tails.
350...001 uses pin #0290
360...001 uses pin #0282
370...001 uses pin #0700
380...001 uses pin #8000
See pages 182 & 183 for details.
• Insulators are high temp. thermoplastic.
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
For RoHS compliance
select
plating code.
XX=Plating Code
See Below
RoHS
2002/95/EC


Similar Part No. - 370-10-101-00-001000

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
370-10-116-00-001 PREDIP-370-10-116-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
More results

Similar Description - 370-10-101-00-001000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
310-47-164-41-001000 MILL-MAX-310-47-164-41-001000 Datasheet
385Kb / 1P
   SERIES 310, 311, 315 ??.100??GRID SOLDER TAIL ??SINGLE ROW STRIPS
310-47-102-41-001000 MILL-MAX-310-47-102-41-001000 Datasheet
385Kb / 1P
   SERIES 310, 311, 315 ??.100??GRID SOLDER TAIL ??SINGLE ROW STRIPS
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Mill-Max Mfg. Corp.
310-93-120-41-001000 MILL-MAX-310-93-120-41-001000 Datasheet
149Kb / 1P
   SINGLE-IN-LINE SOCKETS .100??Grid Solder Tail Single Row
335-40-132-00-160000 MILL-MAX-335-40-132-00-160000 Datasheet
222Kb / 2P
   Interconnect Header .100 Grid; Straight Pin Header .018 Pin Head with Solder Tail; Low Profile Single Row
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
logo
Molex Electronics Ltd.
0906270761 MOLEX11-0906270761 Datasheet
155Kb / 4P
   2.54mm (.100") Pitch C-Grid III??Header, Single Row, Vertical, with Kinked PC Tail
0906270140 MOLEX11-0906270140 Datasheet
155Kb / 4P
   2.54mm (.100") Pitch C-Grid III??Header, Single Row, Vertical, with Kinked PC Tail
logo
Winchester Electronics ...
27344 WINCHESTER-27344 Datasheet
109Kb / 1P
   POWER BUSS STRIPS 100 x 300 GRID
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com