Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT523 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT523
Description  Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT523 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT523 Datasheet HTML 5Page - ON Semiconductor CAT523 Datasheet HTML 6Page - ON Semiconductor CAT523 Datasheet HTML 7Page - ON Semiconductor CAT523 Datasheet HTML 8Page - ON Semiconductor CAT523 Datasheet HTML 9Page - ON Semiconductor CAT523 Datasheet HTML 10Page - ON Semiconductor CAT523 Datasheet HTML 11Page - ON Semiconductor CAT523 Datasheet HTML 12Page - ON Semiconductor CAT523 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Not Recommended for New Design
CAT523
© 2008 SCILLC. All rights reserved.
9
Doc. No. MD-2005 Rev. I
Characteristics subject to change without notice
APPLICATION CIRCUITS
CAT523
GND
VDD
VREFH
VREFL
CONTROL
& DATA
OP 07
V
=
(
) - V
OUT
RF
R +
I
-15V
+15V
+5V
RI
I
RF
VDPP
For R =
I RF
V
= 2V
- V
OUT
I
DPP
VI
RI
RF
VOUT
DPP INPUT
DPP OUTPUT
ANALOG OUTPUT
MSB
LSB
1111
1111
1000
0000
0111
1111
0000
0001
0000
0000
REF
REF
REF
V
990
.
0
=
V
01
.
0
+
V
98
.
0
×
255
255
REF
REF
REF
V
502
.
0
=
V
01
.
0
+
V
98
.
0
×
255
128
REF
REF
REF
V
498
.
0
=
V
01
.
0
+
V
98
.
0
×
255
127
REF
REF
REF
V
014
.
0
=
V
01
.
0
+
V
98
.
0
×
255
1
REF
REF
REF
V
010
.
0
=
V
01
.
0
+
V
98
.
0
×
255
0
V
90
.
4
+
=
V
OUT
V
02
.
0
+
=
V
OUT
V
02
.
-0
=
V
OUT
V
86
.
4
-
=
V
OUT
V
90
.
4
-
=
V
OUT
DPP
255
CODE
=
V
REF
FS
V
99
.
0
=
V
REF
ZERO
V
01
.
0
=
V
V
5
=
V
REF
F
I
R
=
R
x (VFS - VZERO) + VZERO
VDPP
Bipolar DPP Output
Amplified DPP Output
Digitally Trimmed Voltage Reference
Digitally Controlled Voltage Reference
CAT523
GND
VDD
VREFH
VREF = 5.00V
I > 2mA
LT 1029
V+
VREFL
CONTROL
& DATA
CAT523
GND
VDD
VREFH
VREFL
CONTROL
& DATA
OP 07
-15V
+15V
+5V
RI
RF
VOUT
VOUT = (1 +
) VDPP
RF
RI
+
LM 324
CAT523
GND
VDD
VREFH 5.1V
1N5231B
10µF
10µF
35V
10kΩ
28 ÷ 32V
OUTPUT
MPT3055EL
0 - 25V
@ 1A
4.02kΩ
15kΩ
1.00kΩ
VREFL
CONTROL
& DATA


Similar Part No. - CAT523

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT523 CATALYST-CAT523 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT523J-TE10 CATALYST-CAT523J-TE10 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT523JI-TE10 CATALYST-CAT523JI-TE10 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
More results

Similar Description - CAT523

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT524 ONSEMI-CAT524 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com