Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV64N-25T Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT28LV64N-25T
Description  64 kb CMOS Parallel EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV64N-25T Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT28LV64N-25T Datasheet HTML 2Page - ON Semiconductor CAT28LV64N-25T Datasheet HTML 3Page - ON Semiconductor CAT28LV64N-25T Datasheet HTML 4Page - ON Semiconductor CAT28LV64N-25T Datasheet HTML 5Page - ON Semiconductor CAT28LV64N-25T Datasheet HTML 6Page - ON Semiconductor CAT28LV64N-25T Datasheet HTML 7Page - ON Semiconductor CAT28LV64N-25T Datasheet HTML 8Page - ON Semiconductor CAT28LV64N-25T Datasheet HTML 9Page - ON Semiconductor CAT28LV64N-25T Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT28LV64
http://onsemi.com
6
DEVICE OPERATION
Read
Data stored in the CAT28LV64 is transferred to the data
bus when WE is held high, and both OE and CE are held low.
The data bus is set to a high impedance state when either CE
or OE goes high. This 2−line control architecture can be used
to eliminate bus contention in a system environment.
Byte Write
A write cycle is executed when both CE and WE are low,
and OE is high. Write cycles can be initiated using either WE
or CE, with the address input being latched on the falling
edge of WE or CE, whichever occurs last. Data, conversely,
is latched on the rising edge of WE or CE, whichever occurs
first. Once initiated, a byte write cycle automatically erases
the addressed byte and the new data is written within 5 ms.
Figure 4. Read Cycle
ADDRESS
DATA OUT
DATA VALID
DATA VALID
HIGH−Z
tOHZ
tHZ
tAA
tOH
tOE
tOLZ
tCE
tLZ
tRC
VIH
CE
OE
WE
Figure 5. Byte Write Cycle [WE Controlled]
CE
OE
WE
ADDRESS
DATA OUT
DATA IN
DATA VALID
HIGH−Z
tWP
tOES
tDS
tDH
tBLC
tOEH
tCH
tCS
tAS
tAH
tWC


Similar Part No. - CAT28LV64N-25T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV64N-25T CATALYST-CAT28LV64N-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64N-25T CATALYST-CAT28LV64N-25T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28LV64N-25T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com