Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C86ZD4ET2C Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT93C86ZD4ET2C
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86ZD4ET2C Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT93C86ZD4ET2C Datasheet HTML 5Page - ON Semiconductor CAT93C86ZD4ET2C Datasheet HTML 6Page - ON Semiconductor CAT93C86ZD4ET2C Datasheet HTML 7Page - ON Semiconductor CAT93C86ZD4ET2C Datasheet HTML 8Page - ON Semiconductor CAT93C86ZD4ET2C Datasheet HTML 9Page - ON Semiconductor CAT93C86ZD4ET2C Datasheet HTML 10Page - ON Semiconductor CAT93C86ZD4ET2C Datasheet HTML 11Page - ON Semiconductor CAT93C86ZD4ET2C Datasheet HTML 12Page - ON Semiconductor CAT93C86ZD4ET2C Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT93C86 (Rev. C)
Doc. No. MD-1091 Rev. R
10
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
TDFN 8-Pad 3 x 3mm (ZD4)
(1)(2)
Notes:
(1)
All dimensions are in millimeters. Angles in degrees.
(2)
Complies with JEDEC standard MO-229.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
E2
A3
eb
A
A1
SIDE VIEW
BOTTOM VIEW
E
D
TOP VIEW
PIN#1 INDEX AREA
PIN#1 ID
FRONT VIEW
A1
A
L
D2
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.23
0.30
0.37
D
2.90
3.00
3.10
D2
2.20
2.50
E
2.90
3.00
3.10
E2
1.40
1.80
e0.65 TYP
L
0.20
0.30
0.40


Similar Part No. - CAT93C86ZD4ET2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86ZD4ET2 CATALYST-CAT93C86ZD4ET2 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86ZD4ET2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com