Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNW84 Datasheet(PDF) 5 Page - QT Optoelectronics

Part # CNW84
Description  WIDE BODY, HIGH ISOLATION OPTOCOUPLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

CNW84 Datasheet(HTML) 5 Page - QT Optoelectronics

  CNW84 Datasheet HTML 1Page - QT Optoelectronics CNW84 Datasheet HTML 2Page - QT Optoelectronics CNW84 Datasheet HTML 3Page - QT Optoelectronics CNW84 Datasheet HTML 4Page - QT Optoelectronics CNW84 Datasheet HTML 5Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Dimensions (Surface Mount)
0.100 (2.54)
TYP
0.350 (8.90)
MAX
0.354 (9.00)
TYP
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.496 [12.60]
0.016 (0.40)
0.008 (0.20)
0.016 (0.40)
MIN
0.020 (0.51)
MIN
Package Dimensions (Through Hole)
0.100 (2.54)
TYP
0.350 (8.90)
MAX
0.354 (9.00)
TYP
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.400 (10.16)
TYP
0° to 15°
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0.020 [0.51]
NOTE
All dimensions are in inches (millimeters)
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 • France 33 [0] 1.45.18.78.78 • Germany 49 [0] 89/96.30.51 • United Kingdom 44 [0] 1296 394499 • Asia/Pacific 603-7352417
www.qtopto.com
1/18/00
200015A
WIDE BODY, HIGH ISOLATION
OPTOCOUPLERS
CNW82, CNW83, CNW84, CNW85


Similar Part No. - CNW84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNW11AV1 ETC-CNW11AV1 Datasheet
28Kb / 2P
   TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
CNW135 HP-CNW135 Datasheet
664Kb / 7P
   High Speed Optocouplers
CNW135A HP-CNW135A Datasheet
755Kb / 7P
   High Speed Optocouplers
CNW136 HP-CNW136 Datasheet
664Kb / 7P
   High Speed Optocouplers
CNW136A HP-CNW136A Datasheet
755Kb / 7P
   High Speed Optocouplers
More results

Similar Description - CNW84

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNW138 FAIRCHILD-CNW138 Datasheet
126Kb / 8P
   8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com