Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV64JA-20T Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT28LV64JA-20T
Description  64 kb CMOS Parallel EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV64JA-20T Datasheet(HTML) 5 Page - ON Semiconductor

  CAT28LV64JA-20T Datasheet HTML 1Page - ON Semiconductor CAT28LV64JA-20T Datasheet HTML 2Page - ON Semiconductor CAT28LV64JA-20T Datasheet HTML 3Page - ON Semiconductor CAT28LV64JA-20T Datasheet HTML 4Page - ON Semiconductor CAT28LV64JA-20T Datasheet HTML 5Page - ON Semiconductor CAT28LV64JA-20T Datasheet HTML 6Page - ON Semiconductor CAT28LV64JA-20T Datasheet HTML 7Page - ON Semiconductor CAT28LV64JA-20T Datasheet HTML 8Page - ON Semiconductor CAT28LV64JA-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT28LV64
http://onsemi.com
5
Figure 2. A.C. Testing Input/Output Waveform (Note 9)
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.6 V
0.0 V
VCC − 0.3 V
9. Input rise and fall times (10% and 90%) < 10 ns.
Figure 3. A.C. Testing Load Circuit (example)
DEVICE
UNDER
TEST
1.8 K
OUTPUT
1. 3 K
CL = 100 pF
CL INCLUDES JIG CAPACITANCE
VCC
Table 7. A.C. CHARACTERISTICS, WRITE CYCLE (VCC = 3.0 V to 3.6 V, unless otherwise specified.)
Symbol
Parameter
28LV64−15
28LV64−20
28LV64−25
Units
Min
Max
Min
Max
Min
Max
tWC
Write Cycle Time
5
5
5
ms
tAS
Address Setup Time
0
0
0
ns
tAH
Address Hold Time
100
100
100
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tCW (Note 10)
CE Pulse Time
110
150
150
ns
tOES
OE Setup Time
0
10
10
ns
tOEH
OE Hold Time
0
10
10
ns
tWP (Note 10)
WE Pulse Width
110
150
150
ns
tDS
Data Setup Time
60
100
100
ns
tDH
Data Hold Time
0
0
0
ns
tINIT (Note 11)
Write Inhibit Period After
Power−up
5
10
5
10
5
10
ms
tBLC
(Notes 11, 12)
Byte Load Cycle Time
0.05
100
0.1
100
0.1
100
ms
10.A write pulse of less than 20 ns duration will not initiate a write cycle.
11. This parameter is tested initially and after a design or process change that affects the parameter.
12.A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin; however
a transition from HIGH to LOW within tBLC max. stops the timer.


Similar Part No. - CAT28LV64JA-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV64JA-20T CATALYST-CAT28LV64JA-20T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28LV64JA-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com