Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C46LI-GT2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT93C46LI-GT2
Description  1 kb Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C46LI-GT2 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT93C46LI-GT2 Datasheet HTML 1Page - ON Semiconductor CAT93C46LI-GT2 Datasheet HTML 2Page - ON Semiconductor CAT93C46LI-GT2 Datasheet HTML 3Page - ON Semiconductor CAT93C46LI-GT2 Datasheet HTML 4Page - ON Semiconductor CAT93C46LI-GT2 Datasheet HTML 5Page - ON Semiconductor CAT93C46LI-GT2 Datasheet HTML 6Page - ON Semiconductor CAT93C46LI-GT2 Datasheet HTML 7Page - ON Semiconductor CAT93C46LI-GT2 Datasheet HTML 8Page - ON Semiconductor CAT93C46LI-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT93C46
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Storage Temperature
−65 to +150
°C
Voltage on Any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program / Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Block Mode, VCC = 5 V, 25°C
Table 3. D.C. OPERATING CHARACTERISTICS (VCC = +1.8 V to +5.5 V, TA = −40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Power Supply Current (Write)
fSK = 1 MHz
VCC = 5.0 V
1
mA
ICC2
Power Supply Current (Read)
fSK = 1 MHz
VCC = 5.0 V
500
mA
ISB1
Power Supply Current (Standby) (x8 Mode)
VIN = GND or VCC,
CS = GND
ORG = GND
2
mA
ISB2
Power Supply Current (Standby) (x16Mode)
VIN = GND or VCC,
CS = GND
ORG = Float or VCC
1
mA
ILI
Input Leakage Current
VIN = GND to VCC
1
mA
ILO
Output Leakage Current
VOUT = GND to VCC,
CS = GND
1
mA
VIL1
Input Low Voltage
4.5 V v VCC < 5.5 V
−0.1
0.8
V
VIH1
Input High Voltage
4.5 V v VCC < 5.5 V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8 V v VCC < 4.5 V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8 V v VCC < 4.5 V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
4.5 V v VCC < 5.5 V
IOL = 2.1 mA
0.4
V
VOH1
Output High Voltage
4.5 V v VCC < 5.5 V
IOH = −400 mA
2.4
V
VOL2
Output Low Voltage
1.8 V v VCC < 4.5 V
IOL = 1 mA
0.2
V
VOH2
Output High Voltage
1.8 V v VCC < 4.5 V
IOH = −100 mA
VCC − 0.2
V


Similar Part No. - CAT93C46LI-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46LI-GT2 CATALYST-CAT93C46LI-GT2 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
More results

Similar Description - CAT93C46LI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com