Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C46XI-T3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT93C46XI-T3
Description  1 kb Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C46XI-T3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT93C46XI-T3 Datasheet HTML 1Page - ON Semiconductor CAT93C46XI-T3 Datasheet HTML 2Page - ON Semiconductor CAT93C46XI-T3 Datasheet HTML 3Page - ON Semiconductor CAT93C46XI-T3 Datasheet HTML 4Page - ON Semiconductor CAT93C46XI-T3 Datasheet HTML 5Page - ON Semiconductor CAT93C46XI-T3 Datasheet HTML 6Page - ON Semiconductor CAT93C46XI-T3 Datasheet HTML 7Page - ON Semiconductor CAT93C46XI-T3 Datasheet HTML 8Page - ON Semiconductor CAT93C46XI-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT93C46
http://onsemi.com
4
Device Operation
The CAT93C46 is a 1024−bit nonvolatile memory
intended for use with industry standard microprocessors.
The CAT93C46 can be organized as either registers of 16
bits or 8 bits. When organized as X16, seven 9−bit
instructions control the reading, writing and erase
operations of the device. When organized as X8, seven
10−bit instructions control the reading, writing and erase
operations of the device. The CAT93C46 operates on a
single power supply and will generate on chip the high
voltage required during any write operation.
Instructions, addresses, and write data are clocked into the
DI pin on the rising edge of the clock (SK). The DO pin is
normally in a high impedance state except when reading data
from the device, or when checking the ready/busy status
during a write operation. The serial communication protocol
follows the timing shown in Figure 2.
The ready/busy status can be determined after the start of
internal write cycle by selecting the device (CS high) and
polling the DO pin; DO low indicates that the write
operation is not completed, while DO high indicates that the
device is ready for the next instruction. If necessary, the DO
pin may be placed back into a high impedance state during
chip select by shifting a dummy “1” into the DI pin. The DO
pin will enter the high impedance state on the rising edge of
the clock (SK). Placing the DO pin into the high impedance
state is recommended in applications where the DI pin and
the DO pin are to be tied together to form a common DI/O
pin. The Ready/Busy flag can be disabled only in Ready
state; no change is allowed in Busy state.
The format for all instructions sent to the device is a
logical “1” start bit, a 2−bit (or 4−bit) opcode, 6−bit address
(an additional bit when organized X8) and for write
operations a 16−bit data field (8−bit for X8 organization).
Read
Upon receiving a READ command (Figure 3) and an
address (clocked into the DI pin), the DO pin of the
CAT93C46 will come out of the high impedance state and,
after sending an initial dummy zero bit, will begin shifting
out the data addressed (MSB first). The output data bits will
toggle on the rising edge of the SK clock and are stable after
the specified time delay (tPD0 or tPD1).
Erase/Write Enable and Disable
The CAT93C46 powers up in the write disable state. Any
writing after power−up or after an EWDS (write disable)
instruction must first be preceded by the EWEN (write
enable) instruction. Once the write instruction is enabled, it
will remain enabled until power to the device is removed, or
the EWDS instruction is sent. The EWDS instruction can be
used to disable all CAT93C46 write and erase instructions,
and will prevent any accidental writing or clearing of the
device. Data can be read normally from the device
regardless of the write enable/disable status. The EWEN and
EWDS instructions timing is shown in Figure 4.
Table 8. INSTRUCTION SET
Instruction
Start Bit
Opcode
Address
Data
Comments
x8
x16
x8
x16
READ
1
10
A6−A0
A5−A0
Read Address AN–A0
ERASE
1
11
A6−A0
A5−A0
Clear Address AN–A0
WRITE
1
01
A6−A0
A5−A0
D7−D0
D15−D0
Write Address AN–A0
EWEN
1
00
11XXXXX
11XXXX
Write Enable
EWDS
1
00
00XXXXX
00XXXX
Write Disable
ERAL
1
00
10XXXXX
10XXXX
Clear All Addresses
WRAL
1
00
01XXXXX
01XXXX
D7−D0
D15−D0
Write All Addresses


Similar Part No. - CAT93C46XI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46XI-GT2 CATALYST-CAT93C46XI-GT2 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
CAT93C46XI-GT3 CATALYST-CAT93C46XI-GT3 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
More results

Similar Description - CAT93C46XI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com