Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2731 Datasheet(PDF) 1 Page - QT Optoelectronics

Part # HCPL-2731
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL-2731 Datasheet(HTML) 1 Page - QT Optoelectronics

  HCPL-2731 Datasheet HTML 1Page - QT Optoelectronics HCPL-2731 Datasheet HTML 2Page - QT Optoelectronics HCPL-2731 Datasheet HTML 3Page - QT Optoelectronics HCPL-2731 Datasheet HTML 4Page - QT Optoelectronics HCPL-2731 Datasheet HTML 5Page - QT Optoelectronics HCPL-2731 Datasheet HTML 6Page - QT Optoelectronics HCPL-2731 Datasheet HTML 7Page - QT Optoelectronics HCPL-2731 Datasheet HTML 8Page - QT Optoelectronics HCPL-2731 Datasheet HTML 9Page - QT Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
• Low current - 0.5 mA
• Superior CTR-2000%
• Superior CMR-10 kV/µs
• Double working voltage-480V RMS
• CTR guaranteed 0-70°C
• U.L. recognized (File # E90700)
• Dual Channel - HCPL-2730
HCPL-2731
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
DESCRIPTION
The 6N138/9 and HCPL-2730/HCPL-2731 optocouplers consist of an AlGaAs LED
optically coupled to a high gain split darlington photodetector.
The split darlington configuration separating the input photodiode and the first
stage gain from the output transistor permits lower output saturation voltage and
higher speed operation than possible with conventional darlington phototransistor
optocoupler. In the dual channel devices, HCPL-2730/HCPL2731, an integrated
emitter - base resistor provides superior stability over temperature.
The combination of a very low input current of 0.5 mA and a high current transfer
ratio of 2000% makes this family particularly useful for input interface to MOS,
CMOS, LSTTL and EIA RS232C, while output compatibility is ensured to CMOS as
well as high fan-out TTL requirements.
An internal noise shield provides exceptional common mode rejection of 10 kV/µs.
An improved package allows superior insulation permitting a 480 V working voltage
compared to industry standard 220 V.
APPLICATIONS
• Digital logic ground isolation
• Telephone ring detector
• EIA-RS-232C line receiver
• High common mode noise line receiver
• µP bus isolation
• Current loop receiver
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-40 to +85
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
EMITTER
Each Channel
IF (avg)
20
mA
DC/Average Forward Input Current
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
Each Channel
IF (pk)
40
mA
Peak Transient Input Current - (
!"1 µs P.W., 300 pps)
IF (trans)
1.0
A
Reverse Input Voltage
Each Channel
VR
5V
Input Power Dissipation
Each Channel
PD
35
mW
DETECTOR
Average Output Current
Each Channel
IO (avg)
60
mA
Emitter-Base Reverse Voltage
(6N138 and 6N139)
VEB
0.5
V
Supply Voltage, Output Voltage
(6N138, HCPL-2730)
VCC, VO
-0.5 to 7
V
(6N139, HCPL-2731)
-0.5 to 18
Output power dissipation
Each Channel
PD
100
mW
ABSOLUTE MAXIMUM RATINGS (No derating required up to 85°C)
8
1
8
1
8
1
SINGLE-CHANNEL
DUAL-CHANNEL
6N138
HCPL-2730
6N139
HCPL-2731
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
6N138 / 6N139
N/C
N/C
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
HCPL-2730 / HCPL-2731
V
F2
_
+
12/27/99
200023A


Similar Part No. - HCPL-2731

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2731 HP-HCPL-2731 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2731 AVAGO-HCPL-2731 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results

Similar Description - HCPL-2731

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com