Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV256HE25T Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT28LV256HE25T
Description  256K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV256HE25T Datasheet(HTML) 2 Page - ON Semiconductor

  CAT28LV256HE25T Datasheet HTML 1Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 2Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 3Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 4Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 5Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 6Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 7Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 8Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT28LV256
2
Doc. No. MD-1071, Rev. E
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PLCC Package (N, G)
DIP Package (P, L)
PIN CONFIGURATION
TSOP Top View (8mm X 13.4mm) (H)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
I/O6
I/O5
I/O4
GND
I/O2
A1
A2
VCC
WE
A8
A9
A11
OE
A7
A6
A5
A4
A3
A10
I/O7
A12
16
15
CE
I/O3
I/O1
I/O0
A0
A13
A14
I/O2
VSS
I/O6
I/O5
13
14
20
19
18
17
9
10
11
12
24
23
22
21
A1
A0
I/O0
I/O1
OE
A10
CE
I/O7
A5
A4
A3
A2
5
6
7
8
1
2
3
4
A14
A12
A7
A6
A9
A11
28
27
26
25
VCC
WE
A13
A8
A6
A5
A4
A3
5
6
7
8
A2
A1
A0
NC
9
10
11
12
I/O0
13
A8
A9
A11
NC
29
28
27
26
OE
A10
CE
25
24
23
22
I/O7
21
14 15 16 17 18 19 20
4321 32 31 30
I/O4
I/O3
16
15
I/O6
TOP VIEW
PIN FUNCTIONS
Pin Name
Function
Pin Name
Function
A0–A14
Address Inputs
WE
Write Enable
I/O0–I/O7
Data Inputs/Outputs
VCC
3.0 to 3.6 V Supply
CE
Chip Enable
VSS
Ground
OE
Output Enable
NC
No Connect


Similar Part No. - CAT28LV256HE25T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV256H13-20T CATALYST-CAT28LV256H13-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13-25T CATALYST-CAT28LV256H13-25T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13-30T CATALYST-CAT28LV256H13-30T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13A-20T CATALYST-CAT28LV256H13A-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13A-25T CATALYST-CAT28LV256H13A-25T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28LV256HE25T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257_04 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C256 CATALYST-CAT28C256_04 Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com