Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPMU0730 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RPMU0730
Description  Accessories PCB Relay Card Relay E
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RPMU0730 Datasheet(HTML) 2 Page - Tyco Electronics

  RPMU0730 Datasheet HTML 1Page - Tyco Electronics RPMU0730 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Accessories PCB Relay Card Relay E (Continued)
LED- and Protection Modules for RP 78 623
Easy insertion of module into the socket
Wiring in parallel to the coil
Type
Part Number
RPM T0 0A0
Protection diode 1N4007 1)
1-1393161-1
RPM U0 548
RC-network 24...48 VAC
1-1393161-3
RPM U0 730
RC-network 110...230 VAC
1-1393161-4
LED
RPM L0 024
red LED 12...24 VDC w.prot.diode 1)
0-1393161-4
RPM G0 024
green LED 12...24 VDC w.prot.diode 1)
0-1393161-3
RPM L0 524
red LED 12...48 VDC / VAC
0-1393161-7
RPM G0 524
green LED 12...48 VDC / VAC
2-1419152-4
RPM L0 110
red LED 60...110 VDC w.prot.diode 1)
0-1393161-6
RPM G0 110
green LED 60...110 VDC w.prot.diode 1)
2-1419152-3
RPM L0 730
red LED 110...230 VAC
0-1393161-8
RPM G0 730
green LED 110...230 VAC
2-1419152-5
1) Standard polarity: A1:+, A2:-
Socket with PCB terminals
Approvals
Z E135149
Technical data
RP 78 600
Rated current
12 A
Rated voltage / max.switching voltage AC
240/400 VAC
Dielectric strength coil-contact circuit
4000 Vrms
Clearance / creepage coil-contact circuit
W 4/4 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
compliant
Degree of protection DIN 40050
IP20
Ambient temperature range
-40...+80°C
Terminals
pcb
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Resistance to soldering heat
270°C / 10 s
Weight
3 g
Packaging unit
100 pcs
Socket with PCB terminals
Type
Part Number
RP 78 600
Socket with PCB terminals, pinning 2.5 mm
8-1393234-3
Accessories for RP 78 600
RP 16 100
Plastic retaining clip
1-1393161-7
RP 28 500
Metal retaining clip
1-1393161-9
F0137-A
S0322-AE
RP 78 600 pinning 2.5 mm
F0123-A


Similar Part No. - RPMU0730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RPMU0730 MACOM-RPMU0730 Datasheet
114Kb / 2P
   Accessories Miniature PCB Relay RYII
RPMU0730 MACOM-RPMU0730 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - RPMU0730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-A0001-A101 MACOM-V23057-A0001-A101 Datasheet
193Kb / 3P
   Power PCB Relay Card E
2-1415354-1 MACOM-2-1415354-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-7 MACOM-2-1393215-7 Datasheet
522Kb / 3P
   Power PCB Relay Card E
V23057 MACOM-V23057 Datasheet
460Kb / 3P
   Power PCB Relay Card E
2-1393216-6 MACOM-2-1393216-6 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-1 MACOM-2-1393215-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-3 MACOM-2-1393215-3 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-5 MACOM-2-1393215-5 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393216-8 MACOM-2-1393216-8 Datasheet
522Kb / 3P
   Power PCB Relay Card E
1393215-4 MACOM-1393215-4 Datasheet
460Kb / 3P
   Power PCB Relay Card E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com