Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C65BWA-15T Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT28C65BWA-15T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C65BWA-15T Datasheet(HTML) 2 Page - ON Semiconductor

  CAT28C65BWA-15T Datasheet HTML 1Page - ON Semiconductor CAT28C65BWA-15T Datasheet HTML 2Page - ON Semiconductor CAT28C65BWA-15T Datasheet HTML 3Page - ON Semiconductor CAT28C65BWA-15T Datasheet HTML 4Page - ON Semiconductor CAT28C65BWA-15T Datasheet HTML 5Page - ON Semiconductor CAT28C65BWA-15T Datasheet HTML 6Page - ON Semiconductor CAT28C65BWA-15T Datasheet HTML 7Page - ON Semiconductor CAT28C65BWA-15T Datasheet HTML 8Page - ON Semiconductor CAT28C65BWA-15T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT28C65B
2
Doc. No. MD-1009, Rev. H
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN CONFIGURATION
DIP Package (P, L)
SOIC Package (J, W) (K, X)
PLCC Package (N, G)
TSOP Package (8mm x 13.4mm) (H13)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
I/O6
I/O5
I/O4
GND
I/O2
A1
A2
VCC
RDY/BUSY
WE
NC
A8
A9
A11
OE
A7
A6
A5
A4
A3
A10
I/O7
A12
16
15
CE
I/O3
I/O1
I/O0
A0
PIN FUNCTIONS
Pin Name
Function
Pin Name
Function
A0–A12
Address Inputs
WE
Write Enable
I/O0–I/O7
Data Inputs/Outputs
VCC
5 V Supply
CE
Chip Enable
VSS
Ground
OE
Output Enable
NC
No Connect
RDY/
BSY
Ready/
Busy Status
A6
A5
A4
A3
5
6
7
8
A2
A1
A0
NC
9
10
11
12
I/O0
13
A8
A9
A11
NC
29
28
27
26
OE
A10
CE
25
24
23
22
I/O7
21
14 15 16 17 18 19 20
4321 32 31 30
I/O6
TOP VIEW
I/O2
VSS
I/O6
I/O5
13
14
20
19
18
17
9
10
11
12
24
23
22
21
A1
A0
I/O0
I/O1
OE
A10
CE
I/O7
A5
A4
A3
A2
5
6
7
8
1
2
3
4
RDY/BUSY
A12
A7
A6
A9
A11
28
27
26
25
VCC
WE
NC
A8
I/O4
I/O3
16
15
I/O2
VSS
I/O6
I/O5
13
14
20
19
18
17
9
10
11
12
24
23
22
21
A1
A0
I/O0
I/O1
OE
A10
CE
I/O7
A5
A4
A3
A2
5
6
7
8
1
2
3
4
RDY/BUSY
A12
A7
A6
A9
A11
28
27
26
25
VCC
WE
NC
A8
I/O4
I/O3
16
15


Similar Part No. - CAT28C65BWA-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C65BWA-15T CATALYST-CAT28C65BWA-15T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28C65BWA-15T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com