Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C65BWI-12T Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT28C65BWI-12T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C65BWI-12T Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT28C65BWI-12T Datasheet HTML 5Page - ON Semiconductor CAT28C65BWI-12T Datasheet HTML 6Page - ON Semiconductor CAT28C65BWI-12T Datasheet HTML 7Page - ON Semiconductor CAT28C65BWI-12T Datasheet HTML 8Page - ON Semiconductor CAT28C65BWI-12T Datasheet HTML 9Page - ON Semiconductor CAT28C65BWI-12T Datasheet HTML 10Page - ON Semiconductor CAT28C65BWI-12T Datasheet HTML 11Page - ON Semiconductor CAT28C65BWI-12T Datasheet HTML 12Page - ON Semiconductor CAT28C65BWI-12T Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT28C65B
9
Doc. No. MD-1009, Rev. H
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
WE
CE
OE
I/O6
tOEH
tOE
tOES
tWC
(1)
(1)
ADDRESS
CE
WE
OE
I/O7
DIN = X
DOUT = X
DOUT = X
tOE
tOEH
tWC
tOES
(which can be loaded in any order) during the first and
subsequent write cycles. Each successive byte load
cycle must begin within tBLC MAX of the rising edge of the
preceding WE pulse. There is no page write window
limitation as long as WE is pulsed low within tBLC MAX.
Upon completion of the page write sequence, WE must
stay high a minimum of tBLC MAX for the internal automatic
program cycle to commence. This programming cycle
consists of an erase cycle, which erases any data that
existed in each addressed cell, and a write cycle, which
writes new data back into the cell. A page write will only
write data to the locations that were addressed and will
not rewrite the entire page.
DATA Polling
DATA polling is provided to indicate the completion of
write cycle. Once a byte write or page write cycle is
initiated, attempting to read the last byte written will
output the complement of that data on I/O7 (I/O0–I/O6
are indeterminate) until the programming cycle is
complete. Upon completion of the self-timed write cycle,
all I/O’s will output true data during a read cycle.
Toggle Bit
In addition to the DATA Polling feature, the device offers
an additional method for determining the completion of
a write cycle. While a write cycle is in progress, reading
data from the device will result in I/O6 toggling between
one and zero. However, once the write is complete, I/O6
stops toggling and valid data can be read from the
device.
Ready/BUSY (RDY/BUSY)
The RDY/BUSY pin is an open drain output which
indicates device status during programming. It is pulled
low during the write cycle and released at the end of
programming. Several devices may be OR-tied to the
same RDY/BUSY line.
Figure 7. DATA Polling
Figure 8. Toggle Bit


Similar Part No. - CAT28C65BWI-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C65BWI-12T CATALYST-CAT28C65BWI-12T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28C65BWI-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com