Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C16AWA-12T Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT28C16AWA-12T
Description  16 kb CMOS Parallel EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C16AWA-12T Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT28C16AWA-12T Datasheet HTML 2Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 3Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 4Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 5Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 6Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 7Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 8Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 9Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CAT28C16A
http://onsemi.com
10
Example of Ordering Information
Prefix
Device #
Suffix
Company ID
CAT
28C16A
N
Product Number
28C16A
I
− 20
T
Package
Blank = Commercial (0°C to +70°C)
I = Industrial (−40°C to +85°C)
A = Automotive (−40°C to +105°C)
Temperature Range
N: PLCC
J: SOIC (JEDEC)
K: SOIC (EIAJ)
L: PDIP (Lead Free, Halogen Free)
G: PLCC (Lead Free, Halogen Free)
W: SOIC (JEDEC) (Lead Free, Halogen Free)
X: SOIC (EIAJ) (Lead Free, Halogen Free)
T: Tape & Reel
Speed
−90: 90 ns
−12: 120 ns
−20: 200 ns
Tape & Reel (Note 15)
(Optional)
14.The device used in the above example is a CAT28C16ANI−20T (PLCC, Industrial Temperature, 200 ns Access Time, Tape & Reel).
15.For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CAT28C16A/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CAT28C16AWA-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AWA-12T ONSEMI-CAT28C16AWA-12T Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C16AWA-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com