Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256T13-12T Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT28C256T13-12T
Description  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256T13-12T Datasheet(HTML) 5 Page - ON Semiconductor

  CAT28C256T13-12T Datasheet HTML 1Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 2Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 3Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 4Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 5Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 6Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 7Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 8Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT28C256
http://onsemi.com
5
Table 7. A.C. CHARACTERISTICS, WRITE CYCLE (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
28C256−12
28C256−15
Units
Min
Max
Min
Max
tWC
Write Cycle Time
5
5
ms
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
50
50
ns
tCS
CE Setup Time
0
0
ns
tCH
CE Hold Time
0
0
ns
tCW (Note 10)
CE Pulse Time
100
100
ns
tOES
OE Setup Time
0
0
ns
tOEH
OE Hold Time
0
0
ns
tWP (Note 10)
WE Pulse Width
100
100
ns
tDS
Data Setup Time
50
50
ns
tDH
Data Hold Time
10
10
ns
tINIT (Note 11)
Write Inhibit Period After Power−up
5
10
5
10
ms
tBLC (Notes 11, 12)
Byte Load Cycle Time
0.1
100
0.1
100
ms
10.A write pulse of less than 20 ns duration will not initiate a write cycle.
11. This parameter is tested initially and after a design or process change that affects the parameter.
12.A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin; however
a transition from HIGH to LOW within tBLC max. stops the timer.
Figure 2. A.C. Testing Input/Output Waveform (Note 13)
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
0.0 V
VCC − 0.3 V
13.Input rise and fall times (10% and 90%) < 10 ns.
Figure 3. A.C. Testing Load Circuit (example)
1.3 V
DEVICE
UNDER
TEST
1N914
3.3 K
OUT
CL = 100 pF
CL INCLUDES JIG CAPACITANCE


Similar Part No. - CAT28C256T13-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C256T13-12T CATALYST-CAT28C256T13-12T Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
CAT28C256T13-12T CATALYST-CAT28C256T13-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
More results

Similar Description - CAT28C256T13-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com