Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256P-12T Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT28C256P-12T
Description  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256P-12T Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT28C256P-12T Datasheet HTML 6Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 7Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 8Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 9Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 10Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 11Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 12Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 13Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT28C256
http://onsemi.com
10
To activate the software data protection, the device must
be sent three write commands to specific addresses with
specific data (Figure 10). This sequence of commands
(along with subsequent writes) must adhere to the page write
timing specifications (Figure 12). Once this is done, all
subsequent byte or page writes to the device must be
preceded by this same set of write commands. The data
protection mechanism is activated until a deactivate
sequence is issued regardless of power on/off transitions.
This gives the user added inadvertent write protection on
power−up in addition to the hardware protection provided.
To allow the user the ability to program the device with an
EEPROM programmer (or for testing purposes) there is a
software command sequence for deactivating the data
protection. The six step algorithm (Figure 11) will reset the
internal protection circuitry, and the device will return to
standard operating mode (Figure 13 provides reset timing).
After the sixth byte of this reset sequence has been issued,
standard byte or page writing can commence.
Figure 12. Software Data Protection Timing
Figure 13. Resetting Software Data Protection Timing
AA
5555
55
2AAA
A0
5555
DATA
ADDRESS
BYTE OR
PAGE
WRITES
ENABLED
AA
5555
55
2AAA
DATA
ADDRESS
80
5555
AA
5555
55
2AAA
20
5555
SDP
RESET
DEVICE
UNPROTECTED
CE
WE
tWC
CE
WE
tWP
tBLC
tWC


Similar Part No. - CAT28C256P-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C256P-12T CATALYST-CAT28C256P-12T Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
CAT28C256P-12T CATALYST-CAT28C256P-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
More results

Similar Description - CAT28C256P-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com