Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6909IMS-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6909IMS-PBF
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909IMS-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6909IMS-PBF Datasheet HTML 5Page - Linear Technology LTC6909IMS-PBF Datasheet HTML 6Page - Linear Technology LTC6909IMS-PBF Datasheet HTML 7Page - Linear Technology LTC6909IMS-PBF Datasheet HTML 8Page - Linear Technology LTC6909IMS-PBF Datasheet HTML 9Page - Linear Technology LTC6909IMS-PBF Datasheet HTML 10Page - Linear Technology LTC6909IMS-PBF Datasheet HTML 11Page - Linear Technology LTC6909IMS-PBF Datasheet HTML 12Page - Linear Technology LTC6909IMS-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC6909
9
6909f
OPERATION
Figure 2a. Output Waveforms for Different PH Settings
MASTER OSCILLATOR
OUT1
OUT2
OUT3
OUT4 Hi-Z
OUT5 Hi-Z
OUT6 Hi-Z
OUT7 Hi-Z
OUT8 Hi-Z
OUT1
OUT2
OUT3
OUT4
OUT5 Hi-Z
OUT6 Hi-Z
OUT7 Hi-Z
OUT8 Hi-Z
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6 Hi-Z
OUT7 Hi-Z
OUT8 Hi-Z
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7 Hi-Z
OUT8 Hi-Z
6909 F02a
PH2 - PH1 - PH0 = 000
ALL OUTPUTS ARE Hi-Z
PH2 - PH1 - PH0 = 001
ALL OUTPUTS ARE LOW
PH2 - PH1 - PH0 = 010
PH = 3, fOUTPUT = fMASTER/3
ADJACENT OUTPUTS ARE PHASE SHIFTED BY 120°
PH2 - PH1 - PH0 = 011
PH = 4, fOUTPUT = fMASTER/4
ADJACENT OUTPUTS ARE PHASE SHIFTED BY 90°
PH2 - PH1 - PH0 = 100
PH = 5, fOUTPUT = fMASTER/5
ADJACENT OUTPUTS ARE PHASE SHIFTED BY 72°
PH2 - PH1 - PH0 = 101
PH = 6, fOUTPUT = fMASTER/6
ADJACENT OUTPUTS ARE PHASE SHIFTED BY 60°


Similar Part No. - LTC6909IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6909 LINER-LTC6909 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
More results

Similar Description - LTC6909IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
logo
Maxim Integrated Produc...
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
   SPREAD SPECTRUM OSCILLATOR
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
   110V LED Controller with Spread Spectrum Frequency Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com