Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C17API-20T Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT28C17API-20T
Description  16 kb CMOS Parallel EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17API-20T Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT28C17API-20T Datasheet HTML 3Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 9Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 10Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT28C17A
http://onsemi.com
7
Byte Write
A write cycle is executed when both CE and WE are low,
and OE is high. Write cycles can be initiated using either WE
or CE, with the address input being latched on the falling
edge of WE or CE, whichever occurs last. Data, conversely,
is latched on the rising edge of WE or CE, whichever occurs
first. Once initiated, a byte write cycle automatically erases
the addressed byte and the new data is written within 10 ms.
DATA Polling
DATA polling is provided to indicate the completion of a
byte write cycle. Once a byte write cycle is initiated,
attempting to read the last byte written will output the
complement of that data on I/O7 (I/O0–I/O6 are
indeterminate) until the programming cycle is complete.
Upon completion of the self−timed byte write cycle, all I/O’s
will output true data during a read cycle.
Figure 6. Byte Write Cycle [CE Controlled]
ADDRESS
DATA VALID
HIGH−Z
CE
OE
WE
DATA OUT
DATA IN
RDY/BUSY
tAS
tAH
tCW
tCS
tOES
tDS
tDH
tDB
tCH
tOEH
tDL
tWC


Similar Part No. - CAT28C17API-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C17API-20T CATALYST-CAT28C17API-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28C17API-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com