Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2271A-M0S18 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2271A-M0S18
Description  Remote Control Decoder?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2271A-M0S18 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2271A-M0S18 Datasheet HTML 1Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 2Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 3Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 4Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 5Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Remote Control Decoder
PT2271A
PT2271A v 1.0
Page 4
Revised July 1999
Application Circuit
PT2271A (4 Data) Application Circuit
Note: If the Address Bit is "floating", the respective Code Bit will be set as "1".


Similar Part No. - PT2271A-M0S18

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
PT2270 PTC-PT2270 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2270-L2 PTC-PT2270-L2 Datasheet
284Kb / 4P
   Remote Control Decoder
PT2270-L2 PTC-PT2270-L2 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2270-L2-S PTC-PT2270-L2-S Datasheet
284Kb / 4P
   Remote Control Decoder
More results

Similar Description - PT2271A-M0S18

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com