Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C208 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT24C208
Description  8 kb Dual Port Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C208 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT24C208 Datasheet HTML 1Page - ON Semiconductor CAT24C208 Datasheet HTML 2Page - ON Semiconductor CAT24C208 Datasheet HTML 3Page - ON Semiconductor CAT24C208 Datasheet HTML 4Page - ON Semiconductor CAT24C208 Datasheet HTML 5Page - ON Semiconductor CAT24C208 Datasheet HTML 6Page - ON Semiconductor CAT24C208 Datasheet HTML 7Page - ON Semiconductor CAT24C208 Datasheet HTML 8Page - ON Semiconductor CAT24C208 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT24C208
http://onsemi.com
4
Functional Description
The CAT24C208 has a total memory space of 1K bytes
which is accessible from either of two I2C interface ports,
(DSP_SDA and DSP_SCL) or (DDC_SDA and
DDC_SCL), and with the use of segment pointer at address
60h. On power up and after any instruction, the segment
pointer will be in segment 00h for DSP and in segment 00h
of the bank selected by the configuration register for DDC.
The entire memory appears as contiguous memory space
from the perspective of the display interface (DSP_SDA and
DSP_SCL), see Figure 4, and Figures 14 to Figure 21 for a
complete description of the DSP Interface.
A configuration register at addresses 62/63h is used to
configure the operation and memory map of the device as
seen from the DDC interface, (DDC_SDA and DDC_SCL).
Read and write operations can be performed on any
location within the memory space from the display DSP
interface regardless of the state of the EDID SEL pin or the
activity on the DDC interface. From the DDC interface, the
memory space appears as two 512 byte banks of memory,
with 2 segments each 00h and 01h in the upper and lower
bank, see Figure 3.
Each bank of memory can be used to store an E−EDID
data structure. However, only one bank can be read through
the DDC port at a time. The active bank of memory (that is,
the bank that appears at address A0h on the DDC port) is
controlled through the configuration register at 62/63h and
the EDID_SEL pin.
No write operations are possible from the DDC interface
unless the DDC Write Enable bit is set (WE = 1) in the device
configuration register at device address 62h.
The device automatically arbitrates between the two
interfaces to allow the appearance of individual access to the
memory from each interface.
In a typical E−EDID application the EDID_SEL pin is
usually connected to the “Analog Cable Detect” pin of a
VESA M1 compliant, dual−mode (analog and digital)
display. In this manner, the E−EDID appearing at address
A0h on the DDC port will be either the analog or digital
E−EDID, depending on the state of the “Analog Cable
Detect” pin (pin C3 of the M1−DA connector). See Figure 2.
28
27
8
HPD
2A MAX
RELAY CONTACTS SHOWN IN
DE−ENERGIZED POSITION
DDC +5V
26
C3
I2C TO PROJECTOR/MONITOR
BY DISPLAY)
Figure 2.
TO HOST
CONTROLLER
47.5K
10K
1
2
3
4
8
7
6
5
E−EDID
EEPROM
(SUPPLIED
+5V DC
DISPLAY CONTROLLER
Fuse, Resistor or Other Current
Limiting Device Required in All
M1 Displays
DDC CLK
DDC DATA
Figure 3. DDC Interface
Figure 4. DSP Interface
Segment 1
256 Bytes
01
00
01
00
11
10
01
00
00
00
00
Segment Pointer
No Segment Pointer
Segment Pointer
No Segment Pointer
Lower
Bank
Upper
Bank
MEMORY ARRAY
MEMORY ARRAY
Address by Configuration
Register (see Table 10)
Segment 0
256 Bytes
Segment 1
256 Bytes
Segment 0
256 Bytes
Segment 3
256 Bytes
Segment 2
256 Bytes
Segment 1
256 Bytes
Segment 0
256 Bytes


Similar Part No. - CAT24C208

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C208 CATALYST-CAT24C208 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208 ONSEMI-CAT24C208 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
logo
Catalyst Semiconductor
CAT24C208WI-GT3 CATALYST-CAT24C208WI-GT3 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208WI-GT3 ONSEMI-CAT24C208WI-GT3 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
logo
Catalyst Semiconductor
CAT24C208WIT3 CATALYST-CAT24C208WIT3 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
More results

Similar Description - CAT24C208

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C208 CATALYST-CAT24C208 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208 ONSEMI-CAT24C208_18 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
CAT93C76 ONSEMI-CAT93C76_18 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76 ONSEMI-CAT93C76 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76 ONSEMI-CAT93C76_13 Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C76B ONSEMI-CAT93C76B_18 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
NV93C76WF ONSEMI-NV93C76WF Datasheet
186Kb / 11P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com