Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C44VE-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT24C44VE-GT3
Description  256-Bit Serial Nonvolatile CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C44VE-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT24C44VE-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C44VE-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C44VE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C44VE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C44VE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C44VE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C44VE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C44VE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C44VE-GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
CAT24C44
Doc. No. MD-1083, Rev. T
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
A.C. CHARACTERISTICS
VCC = 5V ±10%, unless otherwise specified.
Symbol
Parameter
Min.
Max.
Units
Conditions
FSK
SK Frequency
DC
1
MHz
tSKH
SK Positive Pulse Width
400
ns
tSKL
SK Negative Pulse Width
400
ns
CL = 100pF + 1TTL gate
tDS
Data Setup Time
400
ns
VOH = 2.2V, VOL = 0.65V
tDH
Data Hold Time
80
ns
VIH = 2.2V, VIL = 0.65V
tPD
SK Data Valid Time
375
ns
Input rise and fall times = 10ns
tZ
CE Disable Time
1
µs
tCES
CE Enable Setup Time
800
ns
tCEH
CE Enable Hold Time
400
ns
tCDS
CE De-Select Time
800
ns
A.C. CHARACTERISTICS, Store Cycle
VCC = 5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Conditions
tST
Store Time
10
ms
CL = 100pF + 1TTL gate
tSTP
Store Pulse Width
200
ns
VOH = 2.2V, VOL = 0.65V
tSTZ
Store Disable Time
100
ns
VIH = 2.2V, VIL = 0.65V
A.C. CHARACTERISTICS, Recall Cycle
VCC = 5V ±10%, unless otherwise specified.
Symbol
Parameter
Min.
Max.
Units
Conditions
tRCC
Recall Cycle Time
2.5
µs
tRCP
Recall Pulse Width
500
ns
CL = 100pF + 1TTL gate
tRCZ
Recall Disable Time
500
ns
VOH = 2.2V, VOL = 0.65V
tORC
Recall Enable Time
10
ns
VIH = 2.2V, VIL = 0.65V
tARC
Recall Data Access Time
1.5
µs
INSTRUCTION SET
Format
Instruction
Start Bit
Address
OP Code
Operation
WRDS
1
XXXX
0 0 0
Reset Write Enable Latch (Disables, Writes and Stores)
STO
1
XXXX
0 0 1
Store RAM Data in EEPROM
WRITE
1
AAAA
0 1 1
Write Data into RAM Address AAAA
WREN
1
XXXX
1 0 0
Set Write Enable Latch (Enables, Writes and Stores)
RCL
1
XXXX
1 0 1
Recall EEPROM Data into RAM
READ
1
AAAA
1 1 X
Read Data From RAM Address AAAA
X = Don’t care
A = Address bit


Similar Part No. - CAT24C44VE-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C44VE-TE13 CATALYST-CAT24C44VE-TE13 Datasheet
87Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
More results

Similar Description - CAT24C44VE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
44Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44_05 Datasheet
87Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44 Datasheet
51Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT24C44L ONSEMI-CAT24C44L Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com