Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C32VP2I-GT2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT24C32VP2I-GT2
Description  32-Kb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32VP2I-GT2 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT24C32VP2I-GT2 Datasheet HTML 1Page - ON Semiconductor CAT24C32VP2I-GT2 Datasheet HTML 2Page - ON Semiconductor CAT24C32VP2I-GT2 Datasheet HTML 3Page - ON Semiconductor CAT24C32VP2I-GT2 Datasheet HTML 4Page - ON Semiconductor CAT24C32VP2I-GT2 Datasheet HTML 5Page - ON Semiconductor CAT24C32VP2I-GT2 Datasheet HTML 6Page - ON Semiconductor CAT24C32VP2I-GT2 Datasheet HTML 7Page - ON Semiconductor CAT24C32VP2I-GT2 Datasheet HTML 8Page - ON Semiconductor CAT24C32VP2I-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT24C32
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Storage Temperature
–65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
–0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program/Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C.
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −20°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz
1
mA
ICCW
Write Current
Write, fSCL = 400 kHz
2
mA
ISB
Standby Current
All I/O Pins at GND or VCC
TA = −40°C to +85°C
VCC ≤ 3.3 V
1
mA
TA = −40°C to +85°C
VCC > 3.3 V
3
TA = −40°C to +125°C
5
IL
I/O Pin Leakage
Pin at GND or VCC
2
mA
VIL
Input Low Voltage
−0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
VCC < 2.5 V, IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 1.0 mA
0.2
V
Table 4. PIN IMPEDANCE CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −20°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Max
Units
CIN (Note 4)
SDA I/O Pin Capacitance
VIN = 0 V, TA = 25°C, f = 1.0 MHz
8
pF
CIN (Note 4)
Input Capacitance (other pins)
VIN = 0 V, TA = 25°C, f = 1.0 MHz
6
pF
IWP (Note 5)
WP Input Current
VIN < VIH, VCC = 5.5 V
130
mA
VIN < VIH, VCC = 3.3 V
120
VIN < VIH, VCC = 1.8 V
80
VIN < VIH
2
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
5. When not driven, the WP pin is pulled down to GND internally. For improved noise immunity, the internal pull−down is relatively strong;
therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To conserve power, as
the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak current source.


Similar Part No. - CAT24C32VP2I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C32VP2I.GT3 ONSEMI-CAT24C32VP2I.GT3 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
More results

Similar Description - CAT24C32VP2I-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com