Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C32LI-GT2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT24C32LI-GT2
Description  32-Kb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32LI-GT2 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT24C32LI-GT2 Datasheet HTML 1Page - ON Semiconductor CAT24C32LI-GT2 Datasheet HTML 2Page - ON Semiconductor CAT24C32LI-GT2 Datasheet HTML 3Page - ON Semiconductor CAT24C32LI-GT2 Datasheet HTML 4Page - ON Semiconductor CAT24C32LI-GT2 Datasheet HTML 5Page - ON Semiconductor CAT24C32LI-GT2 Datasheet HTML 6Page - ON Semiconductor CAT24C32LI-GT2 Datasheet HTML 7Page - ON Semiconductor CAT24C32LI-GT2 Datasheet HTML 8Page - ON Semiconductor CAT24C32LI-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2010
July, 2010 − Rev. 12
1
Publication Order Number:
CAT24C32/D
CAT24C32
32-Kb I2C CMOS Serial
EEPROM
Description
The CAT24C32 is a 32−Kb CMOS Serial EEPROM devices,
internally organized as 128 pages of 32 bytes each.
It features a 32−byte page write buffer and supports both the
Standard (100 kHz) as well as Fast (400 kHz) I2C protocol.
External address pins make it possible to address up to eight
CAT24C32 devices on the same bus.
Features
Supports Standard, Fast and Fast−Plus I2C Protocol
1.7 V to 5.5 V Supply Voltage Range
32−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
PDIP, SOIC, TSSOP, TDFN and UDFN 8−lead Packages
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
Figure 1. Functional Symbol
SDA
SCL
WP
CAT24C32
VCC
VSS
A2, A1, A0
http://onsemi.com
PIN CONFIGURATION
SDA
WP
VCC
VSS
A2
A1
A0
1
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
TDFN−8
VP2 SUFFIX
CASE 511AK
SCL
PDIP (L), SOIC (W), TSSOP (Y),
TDFN (VP2), UDFN (HU3, HU4)
PDIP−8
L SUFFIX
CASE 646AA
UDFN−8
HU3 SUFFIX
CASE 517AX
TSSOP−8
Y SUFFIX
CASE 948AL
Device Address
A0, A1, A2
Serial Data
SDA
Serial Clock
SCL
Write Protect
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
For the location of Pin 1, please consult the
corresponding package drawing.
UDFN−8
HU4 SUFFIX
CASE 517AZ


Similar Part No. - CAT24C32LI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C32LI.G ONSEMI-CAT24C32LI.G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32LI.G ONSEMI-CAT24C32LI.G Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
More results

Similar Description - CAT24C32LI-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com