Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56303 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSP56303 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
DSP56303 Technical Data, Rev. 11
Freescale Semiconductor
1-1
Signals/Connections
1
The DSP56303 input and output signals are organized into functional groups as shown in Table 1-1. Figure 1-1
diagrams the DSP56303 signals by functional group. The remainder of this chapter describes the signal pins in
each functional group.
Note:
This chapter refers to a number of configuration registers used to select individual multiplexed signal
functionality. Refer to the DSP56303 User’s Manual for details on these configuration registers.
Table 1-1.
DSP56303 Functional Signal Groupings
Functional Group
Number of Signals
TQFP
MAP-BGA
Power (VCC)
18
18
Ground (GND)
19
66
Clock
22
PLL
33
Address bus
Port A
1
18
18
Data bus
24
24
Bus control
13
13
Interrupt and mode control
55
Host interface (HI08)
Port B2
16
16
Enhanced synchronous serial interface (ESSI)
Ports C and D
3
12
12
Serial communication interface (SCI)
Port E4
33
Timer
33
OnCE/JTAG Port
66
Notes:
1.
Port A signals define the external memory interface port, including the external address bus, data bus, and control signals.
2.
Port B signals are the HI08 port signals multiplexed with the GPIO signals.
3.
Port C and D signals are the two ESSI port signals multiplexed with the GPIO signals.
4.
Port E signals are the SCI port signals multiplexed with the GPIO signals.
5.
There are 2 signal connections in the TQFP package and 7 signal connections in the MAP-BGA package that are not used.
These are designated as no connect (NC) in the package description (see Chapter 3).


Similar Part No. - DSP56303

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56303 FREESCALE-DSP56303 Datasheet
3Mb / 292P
   DSP56303 USER?셎 MANUAL
logo
NXP Semiconductors
DSP56303 NXP-DSP56303 Datasheet
2Mb / 108P
   24-Bit Digital Signal Processor
Rev. 11
DSP56303AG100 NXP-DSP56303AG100 Datasheet
2Mb / 108P
   24-Bit Digital Signal Processor
Rev. 11
DSP56303EVM NXP-DSP56303EVM Datasheet
304Kb / 2P
   DSP56303EVM Kit Contents List
REV. 2 6/97
DSP56303EVMCL/D NXP-DSP56303EVMCL/D Datasheet
304Kb / 2P
   DSP56303EVM Kit Contents List
REV. 2 6/97
More results

Similar Description - DSP56303

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com