Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

041901030001 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 041901030001
Description  Rast 5 Power Relay 419 01 2 pole 16 A, DC- and AC-coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

041901030001 Datasheet(HTML) 3 Page - Tyco Electronics

  041901030001 Datasheet HTML 1Page - Tyco Electronics 041901030001 Datasheet HTML 2Page - Tyco Electronics 041901030001 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rast 5 Power Relay 419 01
2 pole 16 A, DC- and AC-coil
Terminal assignment
Screw mount / Dimensions
Dimensions in mm
S0447-AB


Similar Part No. - 041901030001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
041911 MACOM-041911 Datasheet
262Kb / 3P
   Rast 5 Power Relay 419 11 (EA/..)
041911030100 MACOM-041911030100 Datasheet
262Kb / 3P
   Rast 5 Power Relay 419 11 (EA/..)
041912030100 MACOM-041912030100 Datasheet
262Kb / 3P
   Rast 5 Power Relay 419 11 (EA/..)
041921030100 MACOM-041921030100 Datasheet
262Kb / 3P
   Rast 5 Power Relay 419 11 (EA/..)
041922030100 MACOM-041922030100 Datasheet
262Kb / 3P
   Rast 5 Power Relay 419 11 (EA/..)
More results

Similar Description - 041901030001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
041911 MACOM-041911 Datasheet
262Kb / 3P
   Rast 5 Power Relay 419 11 (EA/..)
9100 MACOM-9100 Datasheet
50Kb / 2P
   Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
419EA MACOM-419EA Datasheet
216Kb / 3P
   Rast 5 Power Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Tyco Electronics
T9C MACOM-T9C Datasheet
133Kb / 3P
   Power Relay T9C AC coil
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Leach International Cor...
XA-A1F LEACH-XA-A1F Datasheet
536Kb / 5P
   RELAY – NONLATCH 2PDT, 5 AMP, AC COIL
logo
Fujitsu Component Limit...
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com