Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD234 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD234
Description  Plastic Medium Power Bipolar Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD234 Datasheet(HTML) 2 Page - ON Semiconductor

  BD234 Datasheet HTML 1Page - ON Semiconductor BD234 Datasheet HTML 2Page - ON Semiconductor BD234 Datasheet HTML 3Page - ON Semiconductor BD234 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD237 (NPN), BD234 (PNP), BD238 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Type
Min
Max
Unit
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 0.1 Adc, IB = 0)
V(BR)CEO
BD237, BD238
BD234
80
45
Vdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
(VCB = 60 Vdc, IE = 0)
ICBO
BD237, BD238
BD234
0.1
0.1
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
DC Current Gain
(IC = 0.15 A, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
hFE1
hFE2
40
25
Collector−Emitter Saturation Voltage (Note 1)
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
0.6
Vdc
Base−Emitter On Voltage (Note 1)
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.3
Vdc
Current−Gain − Bandwidth Product
(IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 MHz)
fT
3.0
MHz
1. Pulse Test: Pulse Width
x 300 ms, Duty Cycle x 2.0%.
Figure 1. Active Region Safe Operating Area
10
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
3
1
0.1
3
10
30
100
0.3
TJ = 150°C
dc
5 ms
1
100 ms
1 ms
BD237
BD236
The Safe Operating Area Curves indicate IC−VCE limits
below which the device will not enter secondary breakdown.
Collector load lines for specific circuits must fall within the
applicable Safe Area to avoid causing a catastrophic failure.
To
insure
operation
below
the
maximum
TJ,
power−temperature derating must be observed for both
steady state and pulse power conditions.
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
0
0.2
0.8
0.6
0.4
0.2
1.0
2.0
10
30
50
200
IC = 0.1 A
0.25 A
1.0 A
0.5 A
0.3
0.5
100
20
3.0
5.0
TJ = 25°C


Similar Part No. - BD234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
37Kb / 4P
   Medium Power Linear and Switching
logo
Savantic, Inc.
BD234 SAVANTIC-BD234 Datasheet
101Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD234 ISC-BD234 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results

Similar Description - BD234

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD237G ONSEMI-BD237G Datasheet
93Kb / 5P
   Plastic Medium Power Bipolar Transistors
December, 2013 ??Rev. 17
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
   Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com