Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D16EER13FREDRED Datasheet(PDF) 5 Page - E-SWITCH

Part # D16EER13FREDRED
Description  PUSHBUTTON SWITCHES - ILLUMINATED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

D16EER13FREDRED Datasheet(HTML) 5 Page - E-SWITCH

  D16EER13FREDRED Datasheet HTML 1Page - E-SWITCH D16EER13FREDRED Datasheet HTML 2Page - E-SWITCH D16EER13FREDRED Datasheet HTML 3Page - E-SWITCH D16EER13FREDRED Datasheet HTML 4Page - E-SWITCH D16EER13FREDRED Datasheet HTML 5Page - E-SWITCH D16EER13FREDRED Datasheet HTML 6Page - E-SWITCH D16EER13FREDRED Datasheet HTML 7Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
94
SERIES D16, P16, L16 SWITCHES
PUSHBUTTON SWITCHES - ILLUMINATED
SCHEMATIC
Available for ‘D16’ Solder Lug
MECHANICAL CONFIGURATION & CIRCUIT OPTIONS
LAMP TYPE & VOLTAGE OPTIONS
ILLUSTRATION
CATEGORY
DESCRIPTION
COLOR
PART NO.
A = 6V
AC/DC
200 mA
B = 14V AC/DC
80 mA
C = 28V AC/DC
40 mA
D = 48V AC/DC
25 mA
E = 60V AC/DC
20 mA
L = 33V AC/DC
35 mA
N = 14V AC/DC
40 mA
M = 6V
AC/DC
40 mA
Incandescent
green
red
yellow
green
red
yellow
green
red
yellow
LED
F = 110V AC
J = 12V DC
Not
Applicable
Neon
50-004-02
50-004-04
50-004-05
50-004-06
50-004-07
50-004-08
50-004-03
50-004-01
green
red
green
red
50-004-11
50-004-12
50-004-13
50-004-14
50-004-16
50-004-17
50-004-18
50-004-19
50-004-20
50-004-21
50-004-22
50-004-23
50-004-24
Mechanical
Configuration Code
EE
Latching
OA
Momentary
PL
Pilot Indicator*
*‘L16’ Series only
0 PILOT INDICATOR
SCHEMATIC
3 3PDT
Available ‘L16’ Pilot Indicator Type
SCHEMATIC
Available for ‘D16’ Solder Lug
1 SPDT**
SCHEMATIC
4 4PDT
Available for ‘P16’ Socket Type and
‘D16’ Solder Lug
SCHEMATIC
2 DPDT
Available for ‘D16’ Solder Lug
G = 220V AC
H= 6V
DC
K = 24V DC


Similar Part No. - D16EER13FREDRED

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
D16-4148 MICROSEMI-D16-4148 Datasheet
67Kb / 1P
   Switching Diode Array
D16-4150 MICROSEMI-D16-4150 Datasheet
67Kb / 1P
   Switching Diode Array
logo
List of Unclassifed Man...
D16-LAR1-1AB ETC2-D16-LAR1-1AB Datasheet
166Kb / 4P
   Push Button Switches
D16-LAR1-2AB ETC2-D16-LAR1-2AB Datasheet
166Kb / 4P
   Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
   Push Button Switches
More results

Similar Description - D16EER13FREDRED

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com